Electronic Components Datasheet Search
  English  ▼

X  

SD403C Datasheet(PDF) 4 Page - International Rectifier

Part # SD403C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD403C Datasheet(HTML) 4 Page - International Rectifier

  SD403C Datasheet HTML 1Page - International Rectifier SD403C Datasheet HTML 2Page - International Rectifier SD403C Datasheet HTML 3Page - International Rectifier SD403C Datasheet HTML 4Page - International Rectifier SD403C Datasheet HTML 5Page - International Rectifier SD403C Datasheet HTML 6Page - International Rectifier SD403C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SD403C..C Series
4
Bulletin I2067 rev. C 04/00
www.irf.com
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
70
80
90
100
110
120
130
0
5 0
100
15 0
2 0 0
25 0
30°
60°
90°
1 20°
1 80°
A v e ra g e F o rw a r d C u rre n t ( A )
Co nd uc tio n An g le
S D 403C ..C S e ries
( S in g le Sid e C o o le d )
R
( D C ) = 0 .1 6 K / W
thJ - hs
50
60
70
80
90
100
110
120
130
0
5 0
100
150
2 0 0
2 5 0
3 0 0
3 50
30 °
60 °
90 °
180 °
DC
12 0 °
A v era g e F o r w a rd C u rr e n t ( A )
C o nd u ction Pe riod
S D 403C ..C Se rie s
( S in gle Sid e C o o led )
R
( D C ) = 0 .1 6 K /W
thJ -h s
Case Style DO-200AA
All dimensions in millimeters (inches)
0.3 (0.01) MIN.
BOTH ENDS
38 (1.50) DIA. MAX.
TWO PLACES
3.5(0.14) ± 0.1(0.004) DIA. NOM.x
1.8 (0.07) DEEP MIN. BOTH ENDS
19(0.75) DIA. MAX.
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com