Electronic Components Datasheet Search
  English  ▼

X  

SD400N04PC Datasheet(PDF) 7 Page - International Rectifier

Part # SD400N04PC
Description  STANDARD RECOVERY DIODES Stud Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD400N04PC Datasheet(HTML) 7 Page - International Rectifier

  SD400N04PC Datasheet HTML 1Page - International Rectifier SD400N04PC Datasheet HTML 2Page - International Rectifier SD400N04PC Datasheet HTML 3Page - International Rectifier SD400N04PC Datasheet HTML 4Page - International Rectifier SD400N04PC Datasheet HTML 5Page - International Rectifier SD400N04PC Datasheet HTML 6Page - International Rectifier SD400N04PC Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SD400N/R Series
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
2000
3000
4000
5000
6000
7000
8000
1
10
100
Number Of Equal Amp litude Half Cycle Current Pulses(N)
SD400N/ RSeries
Initial T = 190°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
1000
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Dura tion.
Maximum Non Repetitive Surge Current
Initial T = 190°C
No Voltage Reapplied
Ra ted V
Reapplied
RRM
J
SD400N/ RSeries
100
1000
10000
0.51
1.52
2.5
T = 25°C
J
Instantaneous Forward Voltage (V)
SD400N/RSeries
T = 190°C
J
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
SD400N/RSeries
Steady State Value:
R
= 0.11 K/W
(DC Operation)
thJC
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com