Electronic Components Datasheet Search
  English  ▼

X  

SD400N08PC Datasheet(PDF) 1 Page - International Rectifier

Part # SD400N08PC
Description  STANDARD RECOVERY DIODES Stud Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD400N08PC Datasheet(HTML) 1 Page - International Rectifier

  SD400N08PC Datasheet HTML 1Page - International Rectifier SD400N08PC Datasheet HTML 2Page - International Rectifier SD400N08PC Datasheet HTML 3Page - International Rectifier SD400N08PC Datasheet HTML 4Page - International Rectifier SD400N08PC Datasheet HTML 5Page - International Rectifier SD400N08PC Datasheet HTML 6Page - International Rectifier SD400N08PC Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Wide current range
High voltage ratings up to 2400V
High surge current capabilities
Stud cathode and stud anode version
Standard JEDEC types
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Major Ratings and Characteristics
I
F(AV)
400
A
@ T
C
120
°C
I
F(RMS)
630
A
I
FSM
@ 50Hz
8250
A
@ 60Hz
8640
A
I2t@ 50Hz
340
KA2s
@ 60Hz
311
KA2s
V
RRM
range
400 to 2400
V
T
J
- 40 to 190
°C
Parameters
SD400N/R
Units
case style
DO-205AB (DO-9)
SD400N/R SERIES
STANDARD RECOVERY DIODES
Stud Version
400A
Bulletin I2082/A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD400N08PC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD400N/R16 VISHAY-SD400N/R16 Datasheet
151Kb / 7P
Standard Recovery Diodes (Stud Version), 400 A
17-Apr-08
SD400N/R20 VISHAY-SD400N/R20 Datasheet
151Kb / 7P
Standard Recovery Diodes (Stud Version), 400 A
17-Apr-08
SD400N/R24 VISHAY-SD400N/R24 Datasheet
151Kb / 7P
Standard Recovery Diodes (Stud Version), 400 A
17-Apr-08
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
Standard Recovery Diodes (Stud Version), 400 A
17-Apr-08
More results

Similar Description - SD400N08PC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
130HF IRF-130HF Datasheet
309Kb / 6P
STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
STANDARD RECOVERY DIODES Stud Version
SD600N IRF-SD600N Datasheet
264Kb / 8P
STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
Standard Recovery Diodes (Stud Version)
25NS NAINA-25NS Datasheet
109Kb / 2P
Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com