Electronic Components Datasheet Search
  English  ▼

X  

S50L Datasheet(PDF) 3 Page - International Rectifier

Part # S50L
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

S50L Datasheet(HTML) 3 Page - International Rectifier

  S50L Datasheet HTML 1Page - International Rectifier S50L Datasheet HTML 2Page - International Rectifier S50L Datasheet HTML 3Page - International Rectifier S50L Datasheet HTML 4Page - International Rectifier S50L Datasheet HTML 5Page - International Rectifier S50L Datasheet HTML 6Page - International Rectifier S50L Datasheet HTML 7Page - International Rectifier S50L Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SD553C..S50L Series
D-680
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= 125°C
V
V
mA
30
3000
3100
36
3600
3700
40
4000
4100
45
4500
4600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
SD553C..S50L
75
Test conditions
Max. values @ T
J
= 125°C
Code
(
µs)
(A)
(A/
µs)
(V)
(
µs)
(
µC)
(A)
Recovery Characteristics
S50
5.0
1000
100
- 50
6.0
900
250
Typical t
rr
I
pk
di/dt
V
r
t
rr
Q
rr
I
rr
@ 25% I
RRM
Square Pulse
@ 25% I
RRM
T
J
= 25oC
I
F(AV)
Max. average forward current
560 (210)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
Double side (single side) cooled
I
F(RMS)
Max. RMS forward current
1120
A
@ 25°C heatsink temperature double side cooled
I
FSM
Max. peak, one-cycle forward,
12000
t = 10ms
No voltage
non-repetitive surge current
12570
t = 8.3ms
reapplied
10100
t = 10ms
50% V
RRM
10570
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
721
t = 10ms
No voltage
Initial T
J
= T
J
max.
658
t = 8.3ms
reapplied
510
t = 10ms
50% V
RRM
466
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
7210
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f 1
Low level value of forward
slope resistance
r
f 2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
3.24
V
I
pk
= 1500A, T
J
= 125°C, t
p
= 10ms sinusoidal wave
Parameter
SD553C..S50L
Units
Conditions
Forward Conduction
KA2s
A
V
m
Ω
0.89
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.98
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
1.95
(I >
π x I
F(AV)
),T
J
= T
J
max.
1.77
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com