Electronic Components Datasheet Search
  English  ▼

X  

SD603C Datasheet(PDF) 8 Page - International Rectifier

Part # SD603C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD603C Datasheet(HTML) 8 Page - International Rectifier

  SD603C Datasheet HTML 1Page - International Rectifier SD603C Datasheet HTML 2Page - International Rectifier SD603C Datasheet HTML 3Page - International Rectifier SD603C Datasheet HTML 4Page - International Rectifier SD603C Datasheet HTML 5Page - International Rectifier SD603C Datasheet HTML 6Page - International Rectifier SD603C Datasheet HTML 7Page - International Rectifier SD603C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SD603C..C Series
8
Bulletin I2068 rev. C 04/00
www.irf.com
1E 1
1E 2
1E 3
1E 4
1 E 11 E 2
1 E 31 E 4
1
2
0.1
P u lse B ase w id t h ( µ s)
4
dv / dt = 1000V/ µs
Sinu soi dal Pu lse
20 jo ules p er p uls e
10
0.4
0. 2
0. 04
0.0 2
SD603C..S15C Se ries
T = 125 °C, V
= 1760V
J
RR M
tp
1E 4 1 E 1
1E 2
1 E 3
1E 4
1
2
P u lse B a se w id t h ( µ s)
4
2 0 jo ules pe r pulse
10
0.4
0.2
Tra pezo id al Pu lse
d v /dt = 1 0 00 V /µ s; di/ dt=5 0 A / µs
SD 6 0 3C ..S15 C Se ries
T = 125 °C , V
= 1760V
J
RRM
tp
1E 1
Fig. 22 - Maximum Total Energy Loss Per Pulse Characteristics
1E 1
1 E 2
1E 3
1 E 4
1
2
P u lse B a se w id t h ( µ s)
4
20 jo ules pe r pulse
10
0.4
Trap ez o idal Pu lse
dv /dt = 1000V/ µ s; di/ dt = 50 A / µs
T = 125 °C , V
= 1760V
SD 603C ..S20 C Seri es
J
RRM
tp
1E 1
1E 1
1E 2
1E 3
1E 4
1E 1
1 E 2
1 E 3
1 E 4
1
2
0.1
P ulse B a se w id t h ( µ s)
4
dv / dt = 1000V/ µs
Sin u so id al Pu lse
2 0 jo ules p e r p uls e
10
0.4
0.2
0. 04
SD 603 C..S20C Se ri es
T = 125 °C , V
= 1 7 60 V
J
RRM
tp
1E 4
Fig. 23 - Maximum Total Energy Loss Per Pulse Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com