Electronic Components Datasheet Search
  English  ▼

X  

SD800C Datasheet(PDF) 7 Page - International Rectifier

Part # SD800C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD800C Datasheet(HTML) 7 Page - International Rectifier

  SD800C Datasheet HTML 1Page - International Rectifier SD800C Datasheet HTML 2Page - International Rectifier SD800C Datasheet HTML 3Page - International Rectifier SD800C Datasheet HTML 4Page - International Rectifier SD800C Datasheet HTML 5Page - International Rectifier SD800C Datasheet HTML 6Page - International Rectifier SD800C Datasheet HTML 7Page - International Rectifier SD800C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SD800C..L Series
Parameter
Units
Conditions
∆R
thJ-hs Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
T
J
Max. junction operating temperature range
-40 to 150
-40 to 150
T
stg
Max. storage temperature range
-55 to 200
-55 to 200
R
thJ-hs
Max. thermal resistance,
0.073
DC operation single side cooled
junction to heatsink
0.031
DC operation double side cooled
F
Mounting force, ± 10%
14700
N
(1500)
(Kg)
wt
Approximate weight
255
g
Case style
DO-200AB (B-PUK)
See Outline Table
°C
K/W
SD800C..L
24 to 36
40 to 45
Thermal and Mechanical Specifications
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
180°
0.009
0.009
0.006
0.006
120°
0.011
0.011
0.011
0.011
90°
0.014
0.014
0.015
0.015
60°
0.020
0.020
0.021
0.021
30°
0.036
0.036
0.036
0.036
K/W
T
J
= T
J
max.
Ordering Information Table
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
-
L = Puk Case DO-200AB (B-PUK)
1
2
3
4
5
6
Device Code
SD
80
0
C
45
L
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com