Electronic Components Datasheet Search
  English  ▼

X  

SD823C Datasheet(PDF) 1 Page - International Rectifier

Part # SD823C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD823C Datasheet(HTML) 1 Page - International Rectifier

  SD823C Datasheet HTML 1Page - International Rectifier SD823C Datasheet HTML 2Page - International Rectifier SD823C Datasheet HTML 3Page - International Rectifier SD823C Datasheet HTML 4Page - International Rectifier SD823C Datasheet HTML 5Page - International Rectifier SD823C Datasheet HTML 6Page - International Rectifier SD823C Datasheet HTML 7Page - International Rectifier SD823C Datasheet HTML 8Page - International Rectifier SD823C Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SD823C..C SERIES
FAST RECOVERY DIODES
Hockey Puk Version
810A
910A
D-715
Bulletin I2074/B
SD823C..C
S20
S30
Features
High power FAST recovery diode series
2.0 to 3.0 µs recovery time
High voltage ratings up to 2500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Press-puk encapsulation
Hockey Puk version case style B-43
Maximum junction temperature 150°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
810
910
A
@ T
hs
55
55
°C
I
F(RMS)
1500
1690
A
I
FSM
@ 50Hz
9300
9600
A
@ 60Hz
9730
10050
A
V
RRM
range
1200 to 2500 1200 to 2500
V
t
rr
2.0
3.0
µs
@ T
J
25
25
°C
T
J
- 40 to 150
°C
Parameters
Units
Major Ratings and Characteristics
case style B-43
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD823C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD823C12C VISHAY-SD823C12C Datasheet
410Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 810/910 A
14-May-08
SD823C12S20C VISHAY-SD823C12S20C Datasheet
396Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 810/910 A
14-May-08
SD823C12S20C VISHAY-SD823C12S20C Datasheet
410Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 810/910 A
14-May-08
SD823C12S20C VISHAY-SD823C12S20C_12 Datasheet
410Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 810/910 A
14-May-08
SD823C12S30C VISHAY-SD823C12S30C Datasheet
396Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 810/910 A
14-May-08
More results

Similar Description - SD823C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD603C IRF-SD603C Datasheet
202Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com