Electronic Components Datasheet Search
  English  ▼

X  

UPD17216CT Datasheet(PDF) 65 Page - NEC

Part # UPD17216CT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17216CT Datasheet(HTML) 65 Page - NEC

Back Button UPD17216CT Datasheet HTML 61Page - NEC UPD17216CT Datasheet HTML 62Page - NEC UPD17216CT Datasheet HTML 63Page - NEC UPD17216CT Datasheet HTML 64Page - NEC UPD17216CT Datasheet HTML 65Page - NEC UPD17216CT Datasheet HTML 66Page - NEC UPD17216CT Datasheet HTML 67Page - NEC UPD17216CT Datasheet HTML 68Page - NEC UPD17216CT Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
µPD17215, 17216, 17217, 17218
65
Resonator
Item
Conditions
MIN.
TYP.
MAX.
Unit
System Clock Oscillator Circuit Characteristics (TA = –40 to +85
°C, VDD = 2.0 to 5.5 V)
Recommended
Constants
Oscillation frequency
(fx)*
1
1.0
4.0
8.0
MHz
Ceramic
Oscillation
After VDD reached
stabilization time*
2
MIN. in oscillation
4ms
voltage range
* 1:
The oscillation frequency only indicates the oscillator characteristics.
2:
The oscillation stabilization time is necessary for oscillation to be stabilized, after VDD application or STOP mode
release.
Caution:
To use a system clock oscillator circuit, perform the wiring in the area enclosed by the dotted line
in the above figure as follows, to avoid adverse wiring capacitance influences:
• Keep wiring length as short as possible.
• Do not cross a signal line with some other signal lines. Do not route the wiring in the vicinity of
lines through which a large current flows.
• Always keep the oscillator circuit capacitor ground at the same potential as GND. Do not ground
the capacitor to a ground pattern, through which a large current flows.
• Do not extract signals from the oscillator circuit.
External circuit example
XIN
XOUT
R 1
C 2
C 3
X IN
X OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com