Electronic Components Datasheet Search
  English  ▼

X  

ST1230C Datasheet(PDF) 5 Page - International Rectifier

Part # ST1230C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST1230C Datasheet(HTML) 5 Page - International Rectifier

  ST1230C Datasheet HTML 1Page - International Rectifier ST1230C Datasheet HTML 2Page - International Rectifier ST1230C Datasheet HTML 3Page - International Rectifier ST1230C Datasheet HTML 4Page - International Rectifier ST1230C Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ST1230C..K Series
23
D-3953333
Outline Table
Case Style A-24 (K-PUK)
All dimensions in millimeters (inches)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
40
50
60
70
80
90
100
110
120
130
0
200 400 600 800 1000 1200 1400
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
ST1230C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs
20
30
40
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
ST1230C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs
TWO PLACES
PIN RECEPTACLE
AMP. 60598-1
1 (0.04) MIN.
TWO PLACES
47.5 (1.87) DIA. MAX.
2 HOLES DIA. 3.5 (0.14) x
2.1 (0.1) DEEP
4.75 (0.2) NOM.
20° ± 5°
44 (1.73)
CREPAGE DESTANCE 28.88 (1.137) MIN.
STRIKE DISTANCE 17.99 (0.708) MIN.
67 (2.6) DIA. MAX.
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com