Electronic Components Datasheet Search
  English  ▼

X  

ST110S16P2L Datasheet(PDF) 8 Page - International Rectifier

Part # ST110S16P2L
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST110S16P2L Datasheet(HTML) 8 Page - International Rectifier

  ST110S16P2L Datasheet HTML 1Page - International Rectifier ST110S16P2L Datasheet HTML 2Page - International Rectifier ST110S16P2L Datasheet HTML 3Page - International Rectifier ST110S16P2L Datasheet HTML 4Page - International Rectifier ST110S16P2L Datasheet HTML 5Page - International Rectifier ST110S16P2L Datasheet HTML 6Page - International Rectifier ST110S16P2L Datasheet HTML 7Page - International Rectifier ST110S16P2L Datasheet HTML 8Page - International Rectifier ST110S16P2L Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ST110S Series
1000
1200
1400
1600
1800
2000
2200
2400
110
100
Number Of Equal Amplitude Half Cycle Current Pulses(N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
ST110SSeries
J
At Any Rated Load Condition And With
Rated V
App lied Following Surge.
RRM
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
0.01
0.1
1
10
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
VersusPulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
ST110SSeries
10
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST110SSeries
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Sq ua re Wa ve Pulse Duration (s)
ST110SSe rie s
St ea dy Sta te Va lue
R
= 0.195 K/ W
(DC Ope ra tion)
thJC
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
Fig. 7 - On-state Voltage Drop Characteristics
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com