Electronic Components Datasheet Search
  English  ▼

X  

ST110S16P2VL Datasheet(PDF) 7 Page - International Rectifier

Part # ST110S16P2VL
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST110S16P2VL Datasheet(HTML) 7 Page - International Rectifier

  ST110S16P2VL Datasheet HTML 1Page - International Rectifier ST110S16P2VL Datasheet HTML 2Page - International Rectifier ST110S16P2VL Datasheet HTML 3Page - International Rectifier ST110S16P2VL Datasheet HTML 4Page - International Rectifier ST110S16P2VL Datasheet HTML 5Page - International Rectifier ST110S16P2VL Datasheet HTML 6Page - International Rectifier ST110S16P2VL Datasheet HTML 7Page - International Rectifier ST110S16P2VL Datasheet HTML 8Page - International Rectifier ST110S16P2VL Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ST110S Series
Fig. 2 - Current Ratings Characteristics
Fig. 4 - On-state Power Loss Characteristics
80
90
100
110
120
130
0
2040
6080
100
120
30°
60°
90°
120°
180°
Averag e On-state Current (A)
Conduction Angle
ST110SSeries
R
(DC) = 0.195 K/ W
thJC
Fig. 1 - Current Ratings Characteristics
80
90
100
110
120
130
0
20
40
60
80 100 120 140 160 180
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
ST110SSeries
R
(DC) = 1.95 K/ W
thJC
25
50
75
100
125
Maximum Allowable Amb ient Temperature (°C)
0.3
K/
W
0.4
K/
W
0.6
K/ W
0.8
K/ W
1 K/W
0.5
K/W
1.2 K
/W
0
20
40
60
80
100
120
140
160
180
200
220
0
20
40
60
80 100 120 140 160 180
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average On-state Current (A)
ST110SSeries
T = 125°C
J
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.4
K/
W
0.5
K/
W
0.6
K/
W
1 K/
W
0.8
K/ W
1.2
K/ W
0
20
40
60
80
100
120
140
160
0
20406080
100
120
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Avera ge On-state Current (A)
ST110SSeries
T = 125°C
J
Fig. 3 - On-state Power Loss Characteristics
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com