Electronic Components Datasheet Search
  English  ▼

X  

N302003 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N302003
Description  Duplex Multimode 62.5-125 Fiber Patch Cable (ST-ST), 1M (3-ft)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N302003 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N302003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N302003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 62.5/125 Fiber Patch Cable
(ST/ST), 1M (3-ft.)
MODEL NUMBER: N302-003
Description
Tripp Lite's 3-ft. multimode duplex fiber optic ST/ST patch cable is manufactured from 62.5/125 zipcord fiber. The cable has ST connectors on each end, a
PVC jacket and is FDDI and OFNR rated. Duplex multimode fiber is most commonly used in LAN applications.
Features
Manufactured from 62.5/125 duplex (zipcord) fiber
PVC jacket
Length: 3-ft. connectors: 2 ST connectors on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze.
Fiber made from glass (not a polymer)
Color coded shrouds identify transmit and receive
Duplex multimode fiber is most commonly used in LAN applications where links are typically 10 feet or less
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
62.5/125 - OM1
Cable Type
Multimode
INPUT
Cable Length (ft.)
3
Highlights
Premium PVC 62.5/125µm
multimode patch cables
Attenuation loss meets or
exceeds the latest industry
standards
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with ST/ST connectors.
Package Includes
3-ft. Duplex MMF Cable ST/ST
62.5/125 Fiber
1 / 2


Similar Part No. - N302003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N302006 TRIPPLITE-N302006 Datasheet
483Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (ST-ST), 2M (6-ft)
More results

Similar Description - N302003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N30206M TRIPPLITE-N30206M Datasheet
482Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (ST-ST), 6M (20-ft)
N30208M TRIPPLITE-N30208M Datasheet
482Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (ST-ST), 8M (26-ft)
N30218M TRIPPLITE-N30218M Datasheet
483Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (ST-ST), 18M (60-ft)
N302010 TRIPPLITE-N302010 Datasheet
482Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (ST-ST), 3M (10-ft)
N304003 TRIPPLITE-N304003 Datasheet
492Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (SC-ST), 1M (3-ft)
N31801M TRIPPLITE-N31801M Datasheet
476Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-ST), 1M (3-ft.)
N302-003 TRIPPLITE-N302-003 Datasheet
160Kb / 3P
Duplex Multimode 62.5/125 Fiber Patch Cable (ST/ST), 1M (3-ft.)
N304-003 TRIPPLITE-N304-003 Datasheet
164Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (SC/ST), 1M (3-ft.)
N308-003 TRIPPLITE-N308-003 Datasheet
155Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/ST), 1M (3-ft.)
N318-01M TRIPPLITE-N318-01M Datasheet
166Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 1M (3-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com