Electronic Components Datasheet Search
  English  ▼

X  

ST230C Datasheet(PDF) 5 Page - International Rectifier

Part # ST230C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST230C Datasheet(HTML) 5 Page - International Rectifier

  ST230C Datasheet HTML 1Page - International Rectifier ST230C Datasheet HTML 2Page - International Rectifier ST230C Datasheet HTML 3Page - International Rectifier ST230C Datasheet HTML 4Page - International Rectifier ST230C Datasheet HTML 5Page - International Rectifier ST230C Datasheet HTML 6Page - International Rectifier ST230C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST230C..C Series
5
Bulletin I25162 rev. D 04/03
www.irf.com
Outline Table
Case Style TO-200AB (A-PUK)
All dimensions in millimeters (inches)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
DIA. MAX.
4.75 (0.19)
28 (1.10)
6.5 (0.26)
19 (0.75)
0.3 (0.01) MIN.
0.3 (0.01) MIN.
13.7 / 14.4
(0.54 / 0.57)
25°±5°
GATE TERM. FOR
1.47 (0.06) DIA.
PIN RECEPTACLE
ANODE TO GATE
CREEPAGE DISTANCE: 7.62 (0.30) MIN.
STRIKE DISTANCE: 7.12 (0.28) MIN.
19 (0.75)
DIA. MAX.
38 (1.50) DIA MAX.
2 HOLES 3.56 (0.14) x
1.83 (0.07) MIN. DEEP
42 (1.65) MAX.
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)
Average On-state Current (A)
Average On-state Current (A)
40
50
60
70
80
90
00
10
20
30
0
40
80 120 160 200 240 280 320
30˚
60˚
90˚
120˚
180˚
Conduction Angle
ST230C..C Series
(Single Side Cooled)
R
(DC) = 0.17 K/W
thJ-hs
20
30
40
50
60
70
80
90
00
10
20
30
0
100
200
300
400
500
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
ST230C..C Series
(Single Side Cooled)
R
(DC) = 0.17 K/W
thJ-hs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com