Electronic Components Datasheet Search
  English  ▼

X  

AN628 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 8Page - STMicroelectronics AN628 Datasheet HTML 9Page - STMicroelectronics AN628 Datasheet HTML 10Page - STMicroelectronics AN628 Datasheet HTML 11Page - STMicroelectronics AN628 Datasheet HTML 12Page - STMicroelectronics AN628 Datasheet HTML 13Page - STMicroelectronics AN628 Datasheet HTML 14Page - STMicroelectronics AN628 Datasheet HTML 15Page - STMicroelectronics AN628 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
AN628 APPLICATION NOTE
12/35
Pin 8 has to be connected through a resistor (Ri') to the negative side of Rs (see fig. 9) to sum the (IL · RS) and
the (Imult · Ri') signals. The sum result is the error signal voltage to the current amplifier non inverting input.
Ri' · Imult = Rs · IL
Pin 9. ISENSE (Current Amplifier inverting input). This pin, is externally connected to the external network de-
scribed at CA-OUT (pin 5). To be noted that Ri and Ri' have the same value because of the high impedance
feedback network.
Pin 10. SGND (Signal ground). It has to be connected, to the pc-board GND, close the filtering reference ca-
pacitor.
Pin 11. VREF (Voltage reference). An internal bandgap circuitry, allows an accurate voltage reference. An ex-
ternal capacitor filter (from 100nF to some
µF) connected to the signal ground is recommanded (see fig. 14).
This pin can deliver up to 10mA and can be used for external needs (e.g. enable for other circuits).
Figure 14.
Pin 12. SS (Soft start). This feature avoids current overload on the external Mosfet (Q) during the ramp-up of
the output boosted voltage. An internal switch discharges the capacitor if output overvoltage or VCC undervolt-
age are detected. An internal current generator of 100
µ with the external capacitor define the soft start time
costant (see fig. 15). Because the voltage at the softstart pin acts on the E/A output (driving the multiplier with
VVAOUT = 5.1V typical voltage swing), the softstart time is defined by:
Figure 15.
t
SS
C
ss
V
VA -OUT
I
SS
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com