Electronic Components Datasheet Search
  English  ▼

X  

AN668 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 11Page - STMicroelectronics AN668 Datasheet HTML 12Page - STMicroelectronics AN668 Datasheet HTML 13Page - STMicroelectronics AN668 Datasheet HTML 14Page - STMicroelectronics AN668 Datasheet HTML 15Page - STMicroelectronics AN668 Datasheet HTML 16Page - STMicroelectronics AN668 Datasheet HTML 17Page - STMicroelectronics AN668 Datasheet HTML 18Page - STMicroelectronics AN668 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AN668 APPLICATION NOTE
18/19
Table 6. TDA7350A (Bridge Audio Amplifier)
6.
CONCLUSION
The PowerSO-20/36 packages, belonging to a new surface mount power package family, have been introduced
(Jedec MO-166 registered).
They have been designed specifically for the surface mount industry and they can replace Multiwatt in many
applications.
The main advantages of PowerSO-20/36 are:
1)
Good thermal characteristics. They are able to handle die with the same size as Multiwatt.
2)
Versatility. A wide variety of intelligent power products with a wide range of options can be managed.
3)
Symmetrical package design. Slug up and slug down versions can be delivered giving more opportunities
to the customers for power dissipation.
4)
High power density through reduced package volume and height.
5)
Compatibility with automatic placement equipment and soldering techniques used in surface-mount as-
sembly. Reliable and inspectable solder joints can be achieved.
6)
High reliability in terms of hermeticity. The correct choice of the materials and particular design features
allow the PowerSO-20/36 to pass successfully severe tests like pressure pot and die penetrant.
It was demonstrated that this package family well meets the high demands in surface-mount power applications,
where power ICs are becoming more and and more common.
Test
Condition
Sample
Duration
Failure
H.T.R.B.
Vs = 18V; TJ = 150°C
77 pcs. x 3 lots
200hr
0
O.L.T.
Vs = 16V; Pd = 10W; TJ = 150°C
90 pcs. x 3 lots
2000hr
0
T.H.B.
Vs = 18V; Tamb = 85°C; R.H. = 85%
77 pcs. x 3 lots
2000hr
0
P.T.C.
Vs = 14V; ton = toff = 5";
Tamb = -40 to +85°C;
33 pcs. x 3 lots
1000hr
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com