Electronic Components Datasheet Search
  English  ▼

X  

AN880 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN880
Description  A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN880 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN880 Datasheet HTML 6Page - STMicroelectronics AN880 Datasheet HTML 7Page - STMicroelectronics AN880 Datasheet HTML 8Page - STMicroelectronics AN880 Datasheet HTML 9Page - STMicroelectronics AN880 Datasheet HTML 10Page - STMicroelectronics AN880 Datasheet HTML 11Page - STMicroelectronics AN880 Datasheet HTML 12Page - STMicroelectronics AN880 Datasheet HTML 13Page - STMicroelectronics AN880 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
APPENDIX A: CFL DEMONSTRATION BOARD
WITH THE L6569
A demonstration board was developed as an ex-
ample for Compact Fluorescent Lamp ballast. It is
optimised for a CF18DT/E/830 18W lamp from
Osram-Sylvania. Using the L6569 the circuit
achieves preheat, ignition and normal lamp op-
eration. The power transistors are two STD3NA50
500V-3
Ω MOSFETs in I-PACK package.
Board description
The three sections of the board are an AC input
rectifier, the half bridge inverter, and the resonant
ballast. By changing the connection on the input
mains, the ballast can operate either on 120 Vac
mains with a voltage doubler rectification, or on
230 Vac mains with a full wave rectification. The
input resistor R1 limits the initial inrush current
charging the bulk capacitors. The L6569 operates
with a single 50 kHz switching frequency pro-
grammed by R4 and C1. Two fast diodes D2 & D3
synchronize the oscillator to keep the switching in
ZVS mode. The control circuit requires 4.5 mA to
supply the I.C., the MOS gate drives, and the os-
cillator. Its supply delivers at least 6.5 mA as de-
scribed in appendix B. The start up resistor also
balances the voltage across the two bulk capaci-
tors.
Figure 23. CFL ballast diagram for a 18W
CFD18T/E lamp with 120/230 Vac inputs.
The resonant ballast
The value of the choke (L1) and the two capaci-
tors (C7 & C8) in parallel with the lamp determine
the lamp ignition voltage and the nominal lamp
current. During the ignition the lamp impedance is
essentially infinite, and the filaments resistance is
only the serial load. To generate the ignition volt-
age, the switching frequency is set close to the
resonance frequency. In normal operation the
choke resonates
with the capacitors C7 & C8
(parallel loading), but also with the decoupling ca-
pacitor C6 (serial loading). The current mode pre-
heat uses a 150
Ω Positive Temperature Coeffi-
cient thermistor. Inserted in the capacitive series
(C7 & C8), the PTC produces a 0.45 Arms fila-
ment current during the initial 0.8 s (reference:
307C1253BHEAB from CERA-MITE).
Basic ballast electrical characteristics
Input voltage: 120 or 230 Vac by input connec-
tions change
Switching frequency: 50kHz
Average dc line voltage range: Vdc from 260 to 355
Nominal supply current: 0.17A rms @ 310 Vdc
Nominal output power: 17W
Minimum ignition voltage: 700V peak @ 260 Vdc
Nominal preheat current: 0.45 Arms during 0.8s
@ 310 Vdc
L1=2.4mH
L1=2.4mH core TH LCC E2006-B4 Ref also VOGH 575 0409200 2.4mH
C7-C8=PS8n2J H3 630-2A TH
(*) Polypropylene, Capacitors 630V rated VL
D7
D4
D5
D6
R1 15 1W
C2
47
µF
250V
R8
120K
1/2W
R5 100K
C5
47
µF
250V
C3
4.7
µF
25V
D8
1N4148
D1
ZPD 18V
R4
27K
1/4W
C1
560pF
50V
220V
N
110V
R6 47 1/4W
R2 22 1/4W
1/4W
R3 22 1/4W
C4100nF 50V
D2
D3 BYW100-100
C9 470pF 630V
Q1
STD4NK50
Q2
STD4NK50
R7
180K
1/4W
C6
100nF
250V
C8
8.2nF
630V
(*)
C7
8.2nF
630V
(*)
CFL LAMP
SYLVANIA DELUX T/E 18W
R9
180K
1/4W
L6569
D96IN419C
VS
RF
CF
GND
LVG
OUT
HVG
BOOT
4 x 1N4006
1/2W
BYW100-100
R10 10K
RV1
PTC 150
350V
(*)
Figure 23.
AN880 APPLICATION NOTE
11/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com