Electronic Components Datasheet Search
  English  ▼

X  

AN937 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 4Page - STMicroelectronics AN937 Datasheet HTML 5Page - STMicroelectronics AN937 Datasheet HTML 6Page - STMicroelectronics AN937 Datasheet HTML 7Page - STMicroelectronics AN937 Datasheet HTML 8Page - STMicroelectronics AN937 Datasheet HTML 9Page - STMicroelectronics AN937 Datasheet HTML 10Page - STMicroelectronics AN937 Datasheet HTML 11Page - STMicroelectronics AN937 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Power supply, UVLO and voltage reference
AN937
8/29
Doc ID 5655 Rev 15
Figure 10.
Current limiting internal schematic circuit
Figure 11.
Output current and soft start voltage
Figure 10 shows the internal current limiting circuitry. Vth1 is the pulse by pulse while Vth2 is
the hiccup threshold.
The sense resistor is in series with a small MOS realized as a partition of the main DMOS.
The Vth2 comparator (20% higher than Vth1) sets the soft start latch, initializing the
discharge of the soft start capacitor with a constant current (about 22 mA). Reaching about
0.4 V, the valley comparator resets the soft start latch, restarting a new recharge cycle.
Figure 11 shows the typical waveforms of the current in the output inductor and the soft start
voltage (pin 2).
During the recharging of the soft start capacitor, the Ton increases gradually and, if the short
circuit is still present, when Ton>TB and the output peak current reaches the threshold, the
hiccup protection intervenes again. So, the value of the soft start capacitor must not be too
high (in this case the Ton increases slowly thus taking much time to reach the TB value) to
avoid that during the soft start slope, the current exceeds the limit before the protection
activation.
VTh1
12V
CSS
D97IN658
R
SOFT START
LATCH
VTh2
0.4
HICCUP
VCC
-
+
-
+
+-
PWM
OSC
S
Q
OSC
VREF
+-
VFB
THERMAL
UNDERVOLTAGE
R
S
Q
OUT
-
+
5.4A
4.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com