Electronic Components Datasheet Search
  English  ▼

X  

AN938 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 11Page - STMicroelectronics AN938 Datasheet HTML 12Page - STMicroelectronics AN938 Datasheet HTML 13Page - STMicroelectronics AN938 Datasheet HTML 14Page - STMicroelectronics AN938 Datasheet HTML 15Page - STMicroelectronics AN938 Datasheet HTML 16Page - STMicroelectronics AN938 Datasheet HTML 17Page - STMicroelectronics AN938 Datasheet HTML 18Page - STMicroelectronics AN938 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AN938
Power supply, UVLO and voltage reference
Doc ID 5410 Rev 10
15/33
Figure 19.
Power stage internal circuit
The L4973 has been developed with a special focus on this dynamic area.
An innovative and proprietary gate driver with two different timings has been introduced.
When the diode reverse voltage reaches about 3 V, the gate is sourced with low current (see
Figure 18) to assure the complete recovery of the diode without generating unwanted extra
peak currents and noise.
After this threshold, the gate drive current is quickly increased, producing a fast rise time to
reach a high efficiency.
Figure 20.
Sync and oscillator waveforms as slave and as master
AM03502v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com