Electronic Components Datasheet Search
  English  ▼

X  

AN994 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN994
Description  L638xE application guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN994 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN994 Datasheet HTML 11Page - STMicroelectronics AN994 Datasheet HTML 12Page - STMicroelectronics AN994 Datasheet HTML 13Page - STMicroelectronics AN994 Datasheet HTML 14Page - STMicroelectronics AN994 Datasheet HTML 15Page - STMicroelectronics AN994 Datasheet HTML 16Page - STMicroelectronics AN994 Datasheet HTML 17Page - STMicroelectronics AN994 Datasheet HTML 18Page - STMicroelectronics AN994 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AN994
L6388E
15/25
5
L6388E
The L6388E (see Figure 11) is based on the structure of the L6385E. It has two separate
inputs that are 3.3-V compatible, a fixed dead time of approximately 320 ns and an
interlocking function to avoid both power switches from being unintentionally switched on at
the same time (seeTable 5).
The UVLO thresholds of VCC and VBOOT are the same as for the L6385E.
The L6388E can be evaluated using the L6385E board.
Table 6.
L6388E pin description
N.
Name
Type
Function
1
LIN (1)
I
Low-side driver logic input. Compatible with the VCC voltage (Vil Max = 1.1 V, Vih Min = 1.8 V).
2
HIN (1)
I
High-side driver logic input. Compatible with the VCC voltage (Vil Max = 1.1 V, Vih Min = 1.8 V).
3
VCC
Supply input voltage with UVLO (typical Vccth1 = 9.6 V and typical Vccth2 = 8.3 V).
4
GND
Ground
5
LVG
O
Low-side driver output. The output stage can deliver a 400 mA source and a 650 mA sink
(typical values). The circuit guarantees 0.3 V maximum on the pin (at Isink = 10 mA) with VCC >
3 V and lower than the turn-on threshold. This removes the need for the bleeder resistor
connected between the gate and the source of the external MOSFET normally used to hold the
pin low.
6
VOUT
O
High-side driver floating reference. Attention should be paid to the layout design of the power
stage so as to limit below-ground spikes on this pin.
7HVG
O
High-side driver output. The output stage can deliver a 400 mA source and a 650 mA sink
(typical values). The circuit guarantees 0.3 V maximum between this pin and Vout (at Isink = 10
mA) with VCC >3 V and lower than the turn-on threshold. This removes the need for the bleeder
resistor connected between the gate and the source of the external MOSFET normally used to
hold the pin low.
8VBOOT
Bootstrap supply voltage. This is the high-side driver floating supply (with UVLO: typical VBSth1
= 9.5 V, VBSth2 = 8.2 V). The bootstrap capacitor connected between this pin and pin 6 can be
fed by an internal structure named "bootstrap driver" (a patented structure). This structure can
replace the external bootstrap diode.
1.
The pull-down internal resistor is typically some hundred k
Ωs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com