Electronic Components Datasheet Search
  English  ▼

X  

AN1049 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1049 Datasheet HTML 6Page - STMicroelectronics AN1049 Datasheet HTML 7Page - STMicroelectronics AN1049 Datasheet HTML 8Page - STMicroelectronics AN1049 Datasheet HTML 9Page - STMicroelectronics AN1049 Datasheet HTML 10Page - STMicroelectronics AN1049 Datasheet HTML 11Page - STMicroelectronics AN1049 Datasheet HTML 12Page - STMicroelectronics AN1049 Datasheet HTML 13Page - STMicroelectronics AN1049 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Refer to appendix "Light load
losses evaluation" for the calcula-
tion of the maximum RSTART and
an estimate of power dissipation
and wake-up time.
The circuit of fig. 7c is active only
during the start-up period, there-
fore it reduces dramatically the
power dissipated. Once the sys-
tem is running, the start-up MOS
is turned off and the only signifi-
cant consumption is on the 2M
Ω
resistor (less than 20mW in a
wide-range
mains
application).
The components in the dashed
box can be omitted, provided the
supply voltage of the IC (VCC) is
18V or more, so that the gate-to-
source voltage of the MOS is be-
low the turn-on threshold.
This circuit can deliver several mA, thus the system will wake up very quickly. On the other hand, it re-
quires several additional parts (mainly, a small high voltage MOS) and therefore has an impact on the
overall cost that needs to be evaluated by the designer.
The ISTART of the L5991 is low enough (120
µA max.) to achieve a reasonably low consumption even
with circuits a) or b), whose main merit is to be inexpensive.
Table 2 compares the worst case consumption of the start-up circuits of fig. 7a) and 7b), at minimum
and maximum mains voltage. The table has been compiled assuming that the IC’s work in a system that
wakes up in 1s (@ VACmin) and where the self-supply circuit is able to keep the system operating within
10 ms, at full load. The consumption of the gate drive (see "Power MOSFET") is assumed to be 5mA
and ICs’ supply voltage is VCC =15 V. The UC3842A needs a bigger CSUPPLY because its higher con-
sumption would cause VCC to fall below VTHOFF before the above mentioned 10ms.
Table2. Consumption of the start-up circuits of fig. 7 for 1s wake-up time (@ VACmin).
Device
CSUPPLY
Start-up
circuit
110V
±20%
220V
±20%
Universal Mains
RSTART
(k
Ω)
PSTART (mW)
RSTART
(k
Ω)
PSTART (mW)
RSTART
(k
Ω)
PSTART (mW)
min.
max.
min.
max.
min.
max.
L5991
33
µF
a)
215
55
140
430
130
300
215
55
600
b)
55
55
130
130
105
250
55
55
590
UC3842A
47
µF
a)
110
110
270
220
250
580
110
110
1170
b)
27
110
270
68
200
470
27
110
1190
As to the self-supply circuit, usually it develops the voltage VCC (obviously greater than VTHOFF) by recti-
fying and filtering the voltage generated by an auxiliary winding of the flyback transformer (see fig. 7).
The power delivered by such circuit amounts at:
PSS
= (VCC + VF) ⋅ (Iq + IGD + Iext)
(25),
Vpin8
VTHON
VCC
VTHOFF
t
voltage generated by
the self-supply circuit
WAKE-UP TIME
voltage across C SUPPLY
Figure 8. L5991 supply voltage at start-up.
AN1049 APPLICATION NOTE
10/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com