Electronic Components Datasheet Search
  English  ▼

X  

AN1132 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1132
Description  90W SMPS FOR MONITORS WITH STANDBY FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1132 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1132 Datasheet HTML 4Page - STMicroelectronics AN1132 Datasheet HTML 5Page - STMicroelectronics AN1132 Datasheet HTML 6Page - STMicroelectronics AN1132 Datasheet HTML 7Page - STMicroelectronics AN1132 Datasheet HTML 8Page - STMicroelectronics AN1132 Datasheet HTML 9Page - STMicroelectronics AN1132 Datasheet HTML 10Page - STMicroelectronics AN1132 Datasheet HTML 11Page - STMicroelectronics AN1132 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Alternative Frequency Compensation Network
A method alternative to the one illustrated in the previous section for cutting down the residual loads is to
physically disconnect the loads by means of series switches. In that case the outputs are actually open.
With this approach, if the application board is repeatedly subjected to quick power-off/power-on cycles
during OFF mode, it may not start-up. In fact, being the load of the 200V output open, after a power off
the output voltage decays very slowly. If the board is powered on again when the output capacitor is still
almost fully charged, the output voltage will rise quickly and overshoot the regulated value. The PWM
may be stopped so long - to allow the output voltage to decay to its correct value - that the L5991 loses
its supply and goes into undervoltage lockout. Next, the L5991 is restarted by R2+R3, the sequence re-
curs and the system gets stuck in this on-off cycle.
To avoid this, it is recommended to use the other feedback configuration provided in the PCB, which
makes use of C20 and R30. As shown in figure A2, in that case C22 and R27 will be omitted and the
value of C21 will be changed. C20 provides an anticipatory effect that prevents the overshoot and the re-
sulting vicious circle above described.
C08
3.3 nF
7
6
1
2
4
3
C19
47
µF 25V
C21
6.8 nF
R28
4.7k
VR1
100k
R29
330k
R30
1.8k
C20
8.2 nF
250V
R26
2.7k
OP1
TPS5904
R16 100
pin 6 of
L5991
R24
47
+15V
out
+200V
out
Figure A2. Alternative compensation network to be used with switch-opened loads. Parts added
or modified are in bold italics.
AN1132 APPLICATION NOTE
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com