Electronic Components Datasheet Search
  English  ▼

X  

ST303C1111 Datasheet(PDF) 9 Page - International Rectifier

Part # ST303C1111
Description  INVERTER GRADE THYRISTORS Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST303C1111 Datasheet(HTML) 9 Page - International Rectifier

Back Button ST303C1111 Datasheet HTML 2Page - International Rectifier ST303C1111 Datasheet HTML 3Page - International Rectifier ST303C1111 Datasheet HTML 4Page - International Rectifier ST303C1111 Datasheet HTML 5Page - International Rectifier ST303C1111 Datasheet HTML 6Page - International Rectifier ST303C1111 Datasheet HTML 7Page - International Rectifier ST303C1111 Datasheet HTML 8Page - International Rectifier ST303C1111 Datasheet HTML 9Page - International Rectifier ST303C1111 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ST303C..C Series
Ordering Information Table
5
6
8
9
ST
30
3
C
12
C
H
K
1
3
4
7
Device Code
1
2
10
1 - Thyristor
2 - Essential part number
3 - 3 = Fast turn off
4 - C = Ceramic Puk
5 - Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6 - C = Puk Case TO-200AB (E-PUK)
7 - Reapplied dv/dt code (for t
q
test condition)
8 - t
q
code
9 - 0 = Eyelet term. (Gate and Aux. Cathode Unsoldered Leads)
1 = Fast-on term. (Gate and Aux. Cathode Unsoldered Leads)
2 = Eyelet term. (Gate and Aux. Cathode Soldered Leads)
3 = Fast-on term. (Gate and Aux. Cathode Soldered Leads)
- Critical dv/dt:
None = 500V/µsec (Standard value)
L
= 1000V/µsec (Special selection)
only for
1000/1200V
up to 800V
dv/dt - t
q
combinations available
dv/dt (V/µs)
20
50
100
200
400
t
q
(µs)
10
CN
DN
EN
FN * HN
12
CM
DM
EM
FM
HM
15
CL
DL
EL
FL *
HL
20
CK
DK
EK
FK * HK
t
q
(µs)
15
CL
--
--
--
--
18
CP
DP
--
--
--
20
CK
DK
EK
FK * HK
25
CJ
DJ
EJ
FJ *
HJ
30
--
DH
EH
FH
HH
10
*Standard part number.
All other types available only on request.
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance,
0.09
DC operation single side cooled
junction to heatsink
0.04
DC operation double side cooled
R
thC-hs
Max. thermal resistance,
0.020
DC operation single side cooled
case to heatsink
0.010
DC operation double side cooled
F
Mounting force, ± 10%
9800
N
(1000)
(Kg)
wt
Approximate weight
83
g
Parameter
ST303C..C
Units
Conditions
K/W
Thermal and Mechanical Specification
°C
K/W
Case style
TO - 200AB (E-PUK)
See Outline Table
Single Side Double Side
Single Side Double Side
180°
0.010
0.010
0.007
0.007
120°
0.012
0.012
0.012
0.013
90°
0.015
0.015
0.016
0.017
K/W
T
J
= T
J
max.
60°
0.022
0.022
0.023
0.023
30°
0.036
0.036
0.036
0.037
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
∆R
thJ-hs Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com