Electronic Components Datasheet Search
  English  ▼

X  

AN1495 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1495
Description  Microstepping stepper motor drive
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1495 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1495 Datasheet HTML 10Page - STMicroelectronics AN1495 Datasheet HTML 11Page - STMicroelectronics AN1495 Datasheet HTML 12Page - STMicroelectronics AN1495 Datasheet HTML 13Page - STMicroelectronics AN1495 Datasheet HTML 14Page - STMicroelectronics AN1495 Datasheet HTML 15Page - STMicroelectronics AN1495 Datasheet HTML 16Page - STMicroelectronics AN1495 Datasheet HTML 17Page - STMicroelectronics AN1495 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Minimum current issues
AN1495
14/25
Doc ID 8700 Rev 3
5
Minimum current issues
When operating a chopping current control that has a minimum duty cycle, the current
cannot be taken below a level that is effectively set by the motor resistance and the
minimum duty cycle. Constant off time controls, like the L6208, have a minimum on time that
is set primarily by the propagation delays from the end of the off time until the comparator
detects a current above the threshold and retriggers the monostable putting the bridge in the
recirculation mode again. This minimum on time and the off time set by the monostable set
a minimum working duty cycle for the circuit. When this duty cycle is applied to the motor, a
current will be established. If a reference corresponding to a current lower than this
minimum is set on the input, the circuit will detect that the motor current is above the
reference. However, since the IC is already operating at its minimum duty cycle, the current
cannot go any lower and thus will not reach the current level desired by the reference level.
The minimum duty cycle in other controllers can sometimes be adjusted. The minimum on
time in the L6506, for example, is set by the width of the sync pulse. By varying the duty
cycle of the oscillator, the minimum duty cycle of the output can also be changed. Since the
sync pulse is also used to mask the switching noise in the system, reducing the minimum
duty cycle is not always possible. [3.]
Figure 12 shows the operating waveforms at the minimum current level.
The traces in Figure 12 are:
●
Ch 1: voltage on output pin
●
Ch 2: Vref
●
Ch 3: Vsense
●
Ch 4: load current (20 mA/div)
Figure 12.
Waveforms at minimum current operation
At the start of each cycle the bridge is turned on and the motor current flows through the
sense resistor to produce the voltage Vsense. However at this operating point the sense
voltage is already greater than the Vref input voltage, as can be seen in Figure 12. The
comparator will detect that Vsense is greater than Vref and cause the circuit switch the
bridge into the recirculation mode and the output is switched off after a delay that is
determined by the response time of the circuit. The output pulse width, and hence the
AM15153v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com