Electronic Components Datasheet Search
  English  ▼

X  

AN1660 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1660
Description  ZVS RESONANT CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1660 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1660 Datasheet HTML 2Page - STMicroelectronics AN1660 Datasheet HTML 3Page - STMicroelectronics AN1660 Datasheet HTML 4Page - STMicroelectronics AN1660 Datasheet HTML 5Page - STMicroelectronics AN1660 Datasheet HTML 6Page - STMicroelectronics AN1660 Datasheet HTML 7Page - STMicroelectronics AN1660 Datasheet HTML 8Page - STMicroelectronics AN1660 Datasheet HTML 9Page - STMicroelectronics AN1660 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AN1660 APPLICATION NOTE
6/13
Choose Cf = 220pF, then
Rfstart is 35.2Kohm , this is larger than the minimum value of Rfstart which is 25Kohm.
In this application, we use R6, R7 voltage divider to get a fixed voltage to Pin6 (OPin-) as the voltage of
Pin2 (Rfstart) is fixed at Vref = 2V. At the same time Pin7(OPin+) connected to primary current sense re-
sister. Voltage of Pin7 (Vopin+) will increase while output power increase. The output of the operational
amplifier will be high when Vopin+ tends to be higher than Vopin-. Then another voltage divider R8, R9
will send this high voltage to Pin9 (EN2). L6598 will stop the normal operation and restart as long as EN2
is high. Thus over-current-protection is achieved.
If set R6 = 27Kohm , R7 = 6.8Kohm, then the input voltage for Pin6 is 0.4V.
Now,
Rfstart = R6+R7 = 33.8Kohm
Rfmin = R11 = 100Kohm
Recalculated Fstart & Fmin. Fmin is 64KHz, Fstart is 254KHz.
The design for resonant components will be finished in the followed step.
3.2 Design transformer and resonant components
First select core size.
(3)
For half-bridge converter, k = 0.165
With Pout = 180W,
η = 94%, ∆B = 0.4T, Fmin = 64KHz,
Calculated Ap = 0.402 cm4
Choose core: EC39, with Ae = 1.32cm2
(4)
(5)
Rfm in
1.41
68 10
3
220 10
12
–
⋅⋅
⋅
------------------------------------------------------
94.2 k
Ω
100
÷
k
Ω
==
Rfstart
1.41
250
68
–
() 10
3
220 10
12
–
⋅⋅
⋅
---------------------------------------------------------------------------
32.5 k
Ω
==
A
P
11.1 Pin
⋅
kB
∆
F
⋅⋅
-------------------------


1.31
=
Np mi n
Vin mi n
() 10
4
⋅
2fsm i n
B
∆
Ae
⋅⋅
⋅
------------------------------------------------
=
Np mi n
370 10
4
⋅
26810
3
0.4 1.32
⋅⋅
⋅
⋅
---------------------------------------------------------
51.5
==
n
N
p
N
s1
----------
V
in ma x
2
------------------
V
o1
V
F1
+
--------------------------
≥
=
n
420
2
----------
110
1
+
-------------------
≥
1.9
=
Ns
2
V
o2
V
F2
+
()N
s1
V
o1
V
F1
+
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com