Electronic Components Datasheet Search
  English  ▼

X  

UPD17704GC Datasheet(PDF) 73 Page - NEC

Part # UPD17704GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17704GC Datasheet(HTML) 73 Page - NEC

Back Button UPD17704GC Datasheet HTML 69Page - NEC UPD17704GC Datasheet HTML 70Page - NEC UPD17704GC Datasheet HTML 71Page - NEC UPD17704GC Datasheet HTML 72Page - NEC UPD17704GC Datasheet HTML 73Page - NEC UPD17704GC Datasheet HTML 74Page - NEC UPD17704GC Datasheet HTML 75Page - NEC UPD17704GC Datasheet HTML 76Page - NEC UPD17704GC Datasheet HTML 77Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 356 page
background image
73
µPD17704, 17705, 17707, 17708, 17709
Table 8-1. Peripheral Hardware Control Functions of Control Registers (4/8)
Peripheral
Control Register
Peripheral Hardware Control Function
At Reset
Clock
Hardware
Name
Address
Read/
Function
Set value
Power- WDT
CE
Stop
Write
Symbol
ON
& SP
reset
01
reset
reset
Timer
Basic timer
17H
R &
0
Fixed to “0”
0
Retained
1
Retained
0 carry
Reset 0
0
BTM0CY
Detects basic timer 0 carry FF
FF reset
FF set
Basic timer 0
18H
R/W
0
Fixed to “0”
0
0
Retained Retained
clock selection
0
BTM0CK1
Selects clock of basic timer 0
BTM0CK0
Timer 3 control
28H
R/W
TM3SEL
Selects timer 3 and D/A converter D/A converter
Timer 3
0
0
Retained
0
0
Fixed to “0”
TM3EN
Starts or stops timer 3 counter
Stops
Starts
TM3RES
Resets timer 3 counter
Not affected
Reset
Timer 2 counter
29H
R/W
TM2EN
Starts or stops timer 2 counter
Stops
Starts
0
0
Retained
0
clock selection
TM2RES
Resets timer 2 counter
Not affected
Reset
TM2CK1
Sets basic clock of timer
TM2CK0
2 counter
Timer 1 counter
2AH
R/W
TM1EN
Starts or stops timer 1 counter
Stops
Starts
0
0
Retained
0
clock selection
TM1RES
Resets timer 1 counter
Not affected
Reset
TM1CK1
Sets basic clock of timer
TM1CK0
1 counter
Timer 0 counter
2BH
R/W
TM0EN
Starts or stops timer 0 counter
Stops
Starts
0
0
Retained
0
clock selection
TM0RES
Resets timer 0 counter
Not affected
Reset
TM0CK1
Sets basic clock of timer
TM0CK0
0 counter
Timer 0 mode
2CH
R/W
TM0OVF
Detects timer 0 overflow
No overflow
Overflow
0
0
Retained
0
selection
TM0GCEG
Sets edge of gate close input
Rising edge
Falling edge
signal
TM0GOEG
Sets edge of gate open input
signal
TM0MD
Selects modulo counter/gate
Modulo counter Gate counter
counter of timer 0
0011
10 Hz
20 Hz
50 Hz
100 Hz
0101
0011
100 kHz 10 kHz
2 kHz
1 kHz
0101
0011
100 kHz 10 kHz
2 kHz
1 kHz
0101
0011
100 kHz 10 kHz
2 kHz
1 kHz
0101
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com