Electronic Components Datasheet Search
  English  ▼

X  

TGL2201 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGL2201
Description  Wideband Dual Stage VPIN Limiter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2201 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGL2201 Datasheet HTML 1Page - TriQuint Semiconductor TGL2201 Datasheet HTML 2Page - TriQuint Semiconductor TGL2201 Datasheet HTML 3Page - TriQuint Semiconductor TGL2201 Datasheet HTML 4Page - TriQuint Semiconductor TGL2201 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product
Data Sheet
November 15, 2006
Wideband Dual Stage VPIN Limiter
TGL2201
Key Features
•
3-25 GHz Passive, High Isolation Limiter
•
Low Loss < 0.5 dB , X-band
•
Good Return Loss > 15 dB
•
Flat Leakage < 18 dBm
•
Input Power CW Survivability > 5W
•
Integrated DC Block on both input and output
•
Chip Dimensions: 1.1 x 1.1 x 0.1 mm
Primary Applications
•
Military Radar
•
LNA Receiver Chain Protection
Fixtured Measured Performance
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
-24
-21
-18
-15
-12
-9
-6
-3
0
0
3
6
9
12
15
18
21
24
27
30
Frequency (GHz)
8
10
12
14
16
18
20
22
24
26
Data taken @ 10 GHz
9
12
15
18
21
24
27
30
33
36
Input Power (dBm)
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
1


Similar Part No. - TGL2201

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2201 QORVO-TGL2201 Datasheet
254Kb / 6P
Wideband Dual Stage VPIN Limiter
logo
TriQuint Semiconductor
TGL2201-EPU TRIQUINT-TGL2201-EPU Datasheet
247Kb / 5P
Wideband Dual Stage VPIN Limiter
TGL2201-SM TRIQUINT-TGL2201-SM Datasheet
1Mb / 11P
Wideband Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2201-SM QORVO-TGL2201-SM Datasheet
511Kb / 10P
Wideband Dual Stage VPIN Limiter
TGL2201-SMEVAL QORVO-TGL2201-SMEVAL Datasheet
511Kb / 10P
Wideband Dual Stage VPIN Limiter
More results

Similar Description - TGL2201

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL2201-EPU TRIQUINT-TGL2201-EPU Datasheet
247Kb / 5P
Wideband Dual Stage VPIN Limiter
TGL2201-SM TRIQUINT-TGL2201-SM Datasheet
1Mb / 11P
Wideband Dual Stage VPIN Limiter
TGL2203 TRIQUINT-TGL2203_15 Datasheet
328Kb / 6P
Ka-Band 1 W VPIN Limiter
TGL2208-SM TRIQUINT-TGL2208-SM_15 Datasheet
537Kb / 9P
2-20 GHz Dual Stage VPIN Limiter
TGL2217 TRIQUINT-TGL2217 Datasheet
495Kb / 9P
0.1??0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2206 QORVO-TGL2206 Datasheet
205Kb / 7P
S-Band 100 W VPIN Limiter
TGL2201-SM QORVO-TGL2201-SM Datasheet
511Kb / 10P
Wideband Dual Stage VPIN Limiter
TGL2201 QORVO-TGL2201 Datasheet
254Kb / 6P
Wideband Dual Stage VPIN Limiter
TGL2208-SM QORVO-TGL2208-SM Datasheet
558Kb / 10P
2 - 20 GHz Dual Stage VPIN Limiter
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
0.1 ??20 GHz 10 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com