Electronic Components Datasheet Search
  English  ▼

X  

UPD17705GC Datasheet(PDF) 71 Page - NEC

Part # UPD17705GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17705GC Datasheet(HTML) 71 Page - NEC

Back Button UPD17705GC Datasheet HTML 67Page - NEC UPD17705GC Datasheet HTML 68Page - NEC UPD17705GC Datasheet HTML 69Page - NEC UPD17705GC Datasheet HTML 70Page - NEC UPD17705GC Datasheet HTML 71Page - NEC UPD17705GC Datasheet HTML 72Page - NEC UPD17705GC Datasheet HTML 73Page - NEC UPD17705GC Datasheet HTML 74Page - NEC UPD17705GC Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 356 page
background image
71
µPD17704, 17705, 17707, 17708, 17709
Table 8-1. Peripheral Hardware Control Functions of Control Registers (2/8)
Peripheral
Control Register
Peripheral Hardware Control Function
At Reset
Clock
Hardware
Name
Address
Read/
Function
Set value
Power- WDT
CE
Stop
Write
Symbol
ON
& SP
reset
01
reset
reset
CE
CE reset timer
06H
R/W
CECNT3
Sets number of CE reset timer
1
Retained Retained
1
carry counter
CECNT2
carry counts
CECNT1
CECNT0
MOVT bit
07H
R/W
0
Fixed to “0”
0
0
0
Retained
selection
0
MOVTSEL1 Sets bit transferred by MOVT (transferred
MOVTSEL0 to DBF1, 0 during 8-bit transfer)
Serial
Serial I/O0 wait
0AH
R
0
Fixed to “0”
0000
interface status judgment
0
0
SIO0WSTT Judges wait status of serial
During wait
During serial
interface 0
communication
Serial I/O0
0BH
R/W
0
Fixed to “0”
0000
clock selection
SBMD
Selects operation mode of I2C
Continues
Reception mode is
bus during slave transmission
processing
set automatically
SIO0CK1
Sets internal clck of serial
SIO0CK0
interface 0
Serial I/O0
0CH
R/W
0
Fixed to “0”
0000
interrupt mode
0
selection
SIO0IMD1
Sets interrupt condition of
SIO0IMD0
serial interface 0
Serial I/O0
0DH
R
SIO0SF8
Detects clock counter
Set at 8th clock
0000
status detection
SIO0SF9
Set at 9th clock
SBSTT
Detects number of clocks
Set from start condition to
(I2C bus mode)
9th clock
SBBSY
Detects start condition
Set from start condition to
(I2C bus mode)
stop condition
Serial I/O0 wait
0EH
R/W
SBACK
Sets and detects acknowledge Sets and detects 0, 1
0000
control
(I2C bus mode)
SIO0NWT
Enables wait
Enabled
Cleared
SIO0WRQ1 Sets wait mode
SIO0WRQ0
0: Setting prohibited
1: 1 count
2: 2 counts 3: 3 counts 4: 4 counts
5: 5 counts 6: 6 counts 7: 7 counts
8: 8 counts 9: 9 counts A: 10 counts
B: 11 counts C: 12 counts D: 13 counts
E: 14 counts F: 15 coounts
00
0
1
16-bit
High-order
Low-order
transfer 8-bit transfer 8-bit transfer
01
1
0
0011
93.75
375
281.25
46.875
kHz
kHz
kHz
kHz
0101
00
1
1
7th
8th
7th clock
Stop
clock
clock
after start
condition
condition
01
0
1
00
1
1
No
Data
Acknowledge
Address
wait
wait
wait
wait
01
0
1
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com