Electronic Components Datasheet Search
  English  ▼

X  

IRF7106 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7106
Description  Power MOSFET(Vdss=-20V)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7106 Datasheet(HTML) 2 Page - International Rectifier

  IRF7106 Datasheet HTML 1Page - International Rectifier IRF7106 Datasheet HTML 2Page - International Rectifier IRF7106 Datasheet HTML 3Page - International Rectifier IRF7106 Datasheet HTML 4Page - International Rectifier IRF7106 Datasheet HTML 5Page - International Rectifier IRF7106 Datasheet HTML 6Page - International Rectifier IRF7106 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
70
IRF7106
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
20
—
—
VGS = 0V, ID = 250µA
P-Ch -20
—
—
VGS = 0V, ID = -250µA
N-Ch
— 0.037
—
Reference to 25°C, I D = 1mA
P-Ch
— -0.022 —
Reference to 25°C, I D = -1mA
—
— 0.125
VGS = 10V, ID = 1.0A
—
—
0.25
VGS = 4.5V, ID = 0.50A
—
—
0.20
VGS = -10V, ID = -1.0A
—
—
0.35
VGS = -4.5V, ID = -0.50A
N-Ch 1.0
—
—
VDS = VGS, ID = 250µA
P-Ch -1.0
—
—
VDS = VGS, ID = -250µA
N-Ch
—
4.4
—
VDS = 15V, ID = 3.0A
P-Ch
—
3.0
—
VDS = -15V, ID = -3.0A
N-Ch
—
—
2.0
VDS = 16V, VGS = 0V
P-Ch
—
—
-2.0
VDS = -16V, VGS = 0V
N-Ch
—
—
25
VDS = 16V, VGS = 0V, TJ = 125°C
P-Ch
—
—
-25
VDS = -16V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
N-P
––
—
±100
nA
VGS = ± 20V
N-Ch
—
9.1
25
P-Ch
—
11
25
N-Ch
—
1.2
—
P-Ch
—
1.6
—
N-Ch
—
2.5
—
P-Ch
—
3.5
—
N-Ch
—
5.0
15
P-Ch
—
10
40
N-Ch
—
10
20
P-Ch
—
15
40
N-Ch
—
29
50
P-Ch
—
41
90
N-Ch
—
22
50
P-Ch
—
39
60
LD
Internal Drain Inductace
N-P
—
4.0
—
Between lead tip
LS
Internal Source Inductance
N-P
—
6.0
—
and center of die contact
N-Ch
—
300
—
P-Ch
—
280
—
N-Ch
—
260
—
P-Ch
—
250
—
N-Ch
—
62
—
P-Ch
—
86
—
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
—
—
1.7
P-Ch
—
—
-1.6
N-Ch
—
—
10
P-Ch
—
—
-10
N-Ch
—
0.90
1.2
TJ = 25°C, IS = 1.6A, VGS = 0V
P-Ch
—
-0.90 -1.6
TJ = 25°C, IS = -1.3A, VGS = 0V
N-Ch
—
69
100
P-Ch
—
69
100
N-Ch
—
58
120
P-Ch
—
91
180
ton
Forward Turn-On Time
N-P
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Imput Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Source-Drain Ratings and Characteristics
V
V/°C
Ω
V
S
µA
nC
ns
nH
pF
N-Channel
ID = 2.3A, VDS = 10V, VGS = 10V
P-Channel
ID = -2.3A, VDS = -10V, VGS = -10V
N-Channel
VDD = 20V, ID = 1.0A, RG = 6.0Ω,
RD = 20Ω
P-Channel
VDD = -20V, ID = -1.0A, RG = 6.0Ω,
RD = 20Ω
N-Channel
VGS = 0V, VDS = 15V, ƒ = 1.0MHz
P-Channel
VGS = 0V, VDS = -15V, ƒ = 1.0MHz
N-Ch
P-Ch
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode)
VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 1.25A, di/dt = 100A/µs
P-Channel
TJ = 25°C, IF = -1.25A, di/dt = 100A/µs
Intrinsic turn-on time is neglegible (turn-on is dominated by L S+LD)
N-Channel ISD ≤ 2.3A, di/dt ≤ 100A/µs, V DD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD ≤ -2.3A, di/dt ≤ 50A/µs, V DD ≤ V(BR)DSS, TJ ≤ 150°C
Pulse width
≤ 300µs; duty cycle ≤ 2%.
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 23 )
Notes:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com