Electronic Components Datasheet Search
  English  ▼

X  

N31015M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N31015M
Description  Duplex Multimode 62.5-125 Fiber Patch Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N31015M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N31015M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N31015M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 62.5/125 Fiber Patch Cable
(MTRJ/SC), 15M (50-ft.)
MODEL NUMBER: N310-15M
Description
Tripp Lite's 15-meter multimode duplex fiber optic MTRJ/SC patch cable is manufactured from 62.5/125 zipcord fiber. The cable has MTRJ to SC connectors, a
PVC jacket and is FDDI and OFNR rated. Duplex multimode fiber is most commonly used in LAN applications.
Features
Manufactured from 62.5/125 duplex (zipcord) fiber
PVC jacket
Length: 15-meters (50ft) Connectors: MTRJ to 2 SC
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI) rated - OFNR (riser rated )
Specifications
OVERVIEW
Fiber Type
62.5/125 - OM1
Cable Type
Multimode
INPUT
Cable Length (ft.)
49
Cable Length (m)
15
PHYSICAL
Highlights
Premium PVC 62.5/125µm
multimode patch cables
Attenuation loss meets or
exceeds the latest industry
standards
System Requirements
Any fiber optic hardware or NIC
card requiring Multimode Duplex
cable with MT-RJ/SC connectors
Package Includes
15-meter Duplex MMF Cable
MTRJ/SC 62.5/125 Fiber
1 / 2


Similar Part No. - N31015M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N31011M TRIPPLITE-N31011M Datasheet
471Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
More results

Similar Description - N31015M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N30646M TRIPPLITE-N30646M Datasheet
496Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N30808M TRIPPLITE-N30808M Datasheet
472Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31011M TRIPPLITE-N31011M Datasheet
471Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31030M TRIPPLITE-N31030M Datasheet
473Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31201M TRIPPLITE-N31201M Datasheet
480Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31403M TRIPPLITE-N31403M Datasheet
477Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31601M TRIPPLITE-N31601M Datasheet
476Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31602M TRIPPLITE-N31602M Datasheet
476Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31605M TRIPPLITE-N31605M Datasheet
475Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N310003 TRIPPLITE-N310003 Datasheet
470Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com