Electronic Components Datasheet Search
  English  ▼

X  

IRLR3103 Datasheet(PDF) 4 Page - International Rectifier

Part # IRLR3103
Description  Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3103 Datasheet(HTML) 4 Page - International Rectifier

  IRLR3103 Datasheet HTML 1Page - International Rectifier IRLR3103 Datasheet HTML 2Page - International Rectifier IRLR3103 Datasheet HTML 3Page - International Rectifier IRLR3103 Datasheet HTML 4Page - International Rectifier IRLR3103 Datasheet HTML 5Page - International Rectifier IRLR3103 Datasheet HTML 6Page - International Rectifier IRLR3103 Datasheet HTML 7Page - International Rectifier IRLR3103 Datasheet HTML 8Page - International Rectifier IRLR3103 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRLR/U3103
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
400
800
1200
1600
2000
2400
2800
3200
1
1 0
100
DS
V
, Drai n-to -So urce V oltag e (V)
A
V
= 0V ,
f = 1MH z
C
= C
+ C
, C
SH OR TED
C
= C
C
= C
+ C
GS
is s
gs
g d
ds
rs s
g d
os s
ds
gd
C iss
C os s
C rs s
0
3
6
9
12
15
0
1 02 0
3 04 05 0
6 07 0
Q
, T otal Ga te C harg e (nC )
G
A
FO R TEST CI RCUI T
SEE FIG UR E 13
V
= 2 4V
V
= 1 5V
I
= 34A
DS
DS
D
10
100
1000
0.4
0.8
1.2
1.6
2.0
2.4
2.8
T = 25 °C
T = 15 0°C
J
J
V
= 0 V
GS
V
, S o urce-to-Drain Vo ltage (V )
SD
A
1
10
100
1000
1
1 0
100
V
, Dra in -to-So urce Vo ltag e (V)
DS
OPE R ATIO N IN TH IS A RE A LI MI TE D
BY R DS(o n)
T
= 25 °C
T
= 15 0°C
Sing le Pulse
C
J
10µ s
1 00µs
1m s
10m s
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com