Electronic Components Datasheet Search
  English  ▼

X  

UPD17232MC Datasheet(PDF) 65 Page - NEC

Part # UPD17232MC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17232MC Datasheet(HTML) 65 Page - NEC

Back Button UPD17232MC Datasheet HTML 61Page - NEC UPD17232MC Datasheet HTML 62Page - NEC UPD17232MC Datasheet HTML 63Page - NEC UPD17232MC Datasheet HTML 64Page - NEC UPD17232MC Datasheet HTML 65Page - NEC UPD17232MC Datasheet HTML 66Page - NEC UPD17232MC Datasheet HTML 67Page - NEC UPD17232MC Datasheet HTML 68Page - NEC UPD17232MC Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
65
Table 11-2. Reserved Symbols (2/3)
Symbol Name
Attribute
Value
R/W
Description
P0E0
FLG
0.6FH.0
R/W
Bit 0 of port 0E
P0E1
FLG
0.6FH.1
R/W
Bit 1 of port 0E
P0E2
FLG
0.6FH.2
R/W
Bit 2 of port 0E
P0E3
FLG
0.6FH.3
R/W
Bit 3 of port 0E
P1A0
FLG
1.70H.0
R/W
Bit 0 of port 1A (Input or output set by mask option)
SP
MEM
0.81H
R/W
Stack pointer
SYSCK
FLG
0.82H.0
R/W
System clock select flag
WDTRES
FLG
0.83H.3
R/W
Watchdog timer reset flag
BTMCK
FLG
0.83H.2
R/W
Basic interval timer mode select flag
BTMRES
FLG
0.83H.1
R/W
Basic interval timer mode reset flag
INT
FLG
0.8FH.0
R
INT pin status flag
NRZBF
FLG
0.91H.0
R/W
NRZ buffer data flag
NRZ
FLG
0.92H.0
R/W
NRZ data flag
P0EBPU0
FLG
0.97H.0
R/W
P0E0 pull-up setting flag
P0EBPU1
FLG
0.97H.1
R/W
P0E1 pull-up setting flag
P0EBPU2
FLG
0.97H.2
R/W
P0E2 pull-up setting flag
P0EBPU3
FLG
0.97H.3
R/W
P0E3 pull-up setting flag
IEG
FLG
0.9FH.0
R/W
INT pin interrupt edge flag
P0BBIO0
FLG
00A6H.0
R/W
P0B0 I/O select flag
P0BBIO1
FLG
00A6H.1
R/W
P0B1 I/O select flag
P0BBIO2
FLG
00A6H.2
R/W
P0B2 I/O select flag
P0BBIO3
FLG
00A6H.3
R/W
P0B3 I/O select flag
P0EBIO0
FLG
0.0A7H.0
R/W
P0E0 I/O setting flag
P0EBIO1
FLG
0.0A7H.1
R/W
P0E1 I/O setting flag
P0EBIO2
FLG
0.0A7H.2
R/W
P0E2 I/O setting flag
P0EBIO3
FLG
0.0A7H.3
R/W
P0E3 I/O setting flag
IPBTM
FLG
0.0AFH.2
R/W
Basic interval timer interrupt enable flag
IP
FLG
0.0AFH.1
R/W
INT pin interrupt enable flag
IPTM
FLG
0.0AFH.0
R/W
Timer interrupt enable flag
TMEN
FLG
0.0B3H.3
R/W
Timer enable flag
TMRES
FLG
0.0B3H.2
R/W
Timer reset flag
TMCK1
FLG
0.0B3H.1
R/W
Timer clock flag
TMCK0
FLG
0.0B3H.0
R/W
Timer clock flag
P0CGIO
FLG
00B7H.2
R/W
P0C3-P0C0 I/O select flag
P0DGIO
FLG
00B7H.3
R/W
P0D3-P0D0 I/O select flag
IRQBTM
FLG
0.0BDH.0
R/W
Basic interval timer interrupt request flag
IRQ
FLG
0.0BEH.0
R/W
INT pin interrupt request flag
IRQTM
FLG
0.0BFH.0
R/W
Timer interrupt request flag
TMC
DAT
05H
R
Timer count register
TMM
DAT
06H
W
Timer modulo register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com