Electronic Components Datasheet Search
  English  ▼

X  

ST700C12L3 Datasheet(PDF) 7 Page - International Rectifier

Part # ST700C12L3
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST700C12L3 Datasheet(HTML) 7 Page - International Rectifier

  ST700C12L3 Datasheet HTML 1Page - International Rectifier ST700C12L3 Datasheet HTML 2Page - International Rectifier ST700C12L3 Datasheet HTML 3Page - International Rectifier ST700C12L3 Datasheet HTML 4Page - International Rectifier ST700C12L3 Datasheet HTML 5Page - International Rectifier ST700C12L3 Datasheet HTML 6Page - International Rectifier ST700C12L3 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ST700C..L Series
7
www.irf.com
Bulletin I25190 rev. D 04/00
Fig. 9 - On-state Voltage Drop Characteristics
Fig. 10 - Thermal Impedance Z
thJ-hs Characteristics
Fig. 11 - Gate Characteristics
10 0
10 00
1000 0
0 . 511 . 5
22 . 533 . 5
4
T = 2 5 ° C
J
In sta n t a n e o u s O n - st a te V o lt a g e ( V )
T = 125 °C
J
ST7 0 0 C . .L Se rie s
0. 0 0 1
0. 0 1
0. 1
0. 0 0 1
0 . 0 1
0 . 1
1
1 0
Sq u a re W a v e P ulse D ur at io n ( s)
St e a d y St a t e V a lu e
R
= 0 .0 7 3 K / W
( Sin g le Sid e C o oled )
R
= 0 .0 3 1 K / W
( D ou ble Sid e C o oled )
(D C O p e rat io n )
ST 700C . .L Se rie s
thJ -hs
thJ -hs
0. 1
1
10
100
0 . 0 0 1
0 .0 1
0 .1
1
1 0
1 0 0
VG D
IG D
(b )
(a )
(2 )
(3 )
In sta n t a n e o u s G a te C u rre n t ( A )
a) Re c o m m e n d e d lo ad lin e fo r
b ) Re c o m m e n d e d lo a d lin e f o r
< = 30% ra t e d d i/ d t : 10 V , 10 oh m s
Fre q u e n c y L im ite d b y P G ( A V )
ra t e d d i/d t : 2 0 V , 1 0 o h m s; t r< =1 µ s
tr< = 1 µs
(1 )
( 1 ) P G M = 10W , t p = 4m s
( 2 ) P G M = 20W , t p = 2m s
( 3 ) P G M = 40W , t p = 1m s
( 4 ) P G M = 60W , t p = 0. 66m s
R e c t a n gula r ga t e p ulse
D e vic e : ST 7 00C . . L S e ries
(4 )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com