Electronic Components Datasheet Search
  English  ▼

X  

AN827 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN827
Description  A 500W HIGH POWER FACTOR WITH THE L4981A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN827 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN827 Datasheet HTML 11Page - STMicroelectronics AN827 Datasheet HTML 12Page - STMicroelectronics AN827 Datasheet HTML 13Page - STMicroelectronics AN827 Datasheet HTML 14Page - STMicroelectronics AN827 Datasheet HTML 15Page - STMicroelectronics AN827 Datasheet HTML 16Page - STMicroelectronics AN827 Datasheet HTML 17Page - STMicroelectronics AN827 Datasheet HTML 18Page - STMicroelectronics AN827 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
AN827 APPLICATION NOTE
Part List of the Figure 2 (continued)
Part Des.
Description
Vendor’s Part #
R4
Carbon Film Res., 360k, 1/4W, 5%
Digi-Key #360KQBK-ND
R5
Carbon Film Res., 620k, 1/4W, 5%
Digi-Key #620KQBK-ND
R6
Carbon Film Res., 620k, 1/4W, 5%
Digi-Key #620KQBK-ND
R9
Metal Film Res., 412k, 1/4W, 1%
Digi-Key #412KXBK-ND
R10
Metal Film Res., 412k, 1/4W, 1%
Digi-Key #412KXBK-ND
R11
Metal Film Res., 21k, 1/4W, 1%
Digi-Key #21.0KXBK-ND
R12
Metal film Res., 562, 1/4W, 1%
Digi-Key #562XBK-ND
R13
Metal Film Res., 5.11k, 1/4W, 1%
Digi-Key #5.11KXBK-ND
R14
Carbon Film Res., 2.7k, 1/4W, 5%
Digi-Key #2.7KQBK-ND
R15
Carbon Film Res., 36k, 1/4W, 5%
Digi-Key #36KQBK-ND
R16
Carbon Film Res., 2.7k, 1/4W, 5%
Digi-Key #2.7KQBK-ND
R17
Metal Film Res., 30.1k, 1/4W, 1%
Digi-Key #30.1KXBK-ND
R18
Carbon Film Res., 15 ohms, 1/4W, 5%
Digi-Key #15QBK-ND
R19
Carbon Film Res., 120k, 1/4W, 5%
Digi-Key #120KQBK-ND
R20
Metal Film Res., 10.7k, 1/4W, 1%
Digi-Key # 10.7KXBK-ND
R21
Metal Film Res., 909k, 1/4W, 1%
Digi-Key #909KXBK-ND
R22
Metal Film Res., 909k, 1/4W, 1%
Digi-Key #909KXBK-ND
R23
Metal Oxide Resistor, 510 ohms, 3 Watts, 5%
Digi-Key#P510W-3BK-ND
R24
Metal Oxide Resistor, 510 ohms, 3 Watts, 5%
Digi-Key#P510W-3BK-ND
R25
Carbon Film Resistor, 10k, 1/4W, 5%
Digi-Key #10KQBK-ND
R26
Carbon Film Resistor, 1.1M, 1/4W, 5%
Digi-Key #1.1MQBK-ND
R27
Carbon Film Resistor, 1.1M, 1/4W, 5%
Digi-Key #1.1MQBK-ND
R28
Carbon Film Res., 10k, 1/2W, 5%
Digi-Key #10KH-ND
R29
Carbon Film Resistor, 33 ohms, 1/2W, 5%
Digi-Key #33H-ND
R30
3 Watt, non-inductive 0.1 ohms, Type LO-3-.010
Newark #96F3616
R31
3 Watt, non-inductive 0.1 ohms, Type LO-3-.010
Newark #96F3616
R32
3 Watt, non-inductive 0.1 ohms, Type LO-3-.010
Newark #96F3616
NTC 1
20 Ga (0.8mm) Jumper Wire
22 Ga Jumper
NTC 2
20 Ga. (0.8mm) Jumper Wire
22 Ga Jumper
Heatsink 1
AAVID type 61085, 1.5Deg C/W/3in., 1.5" length
AAVID #61085
Heatsink 2
Bridge Diode attachable heatsink
datogliere
PCB 1
FR-4 Material
CALS 95 001_A
T1
Coilcraft Part# R4849-A 0.5mH
CoilCraft ’Part # R4849-A
Standoffs
Aluminum Hex Standoff 0.375", 4-40 Thread
Newark#89F1949
Q1
STW20NA50, 500V, 20A, 2.7 ohms TO-247
STMicroelectronics STW20NA50
Q2
NPN transistor high speed, 30V, .8A, TO-18 Package
STMicroelectronics 2N2222
Q3
N-Channel Mosfet, STK2N50, 500V, 2A, SOT-82
STMicroelectronics STK2N50
J1
3 Pole, 15A, Terminal Block
Newark #93F7182
J2
3 Pole, 15A, Terminal Block
Newark #93F7182
U1
L4981A, PFC IC
STMicroelectronics L4981A
IC Socket
20 Pin DIP Socket, Gold Pin and Clip
Digi-Key #ED56203-ND
Misc.
Mounting screws, nuts, insulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com