Electronic Components Datasheet Search
  English  ▼

X  

AN1376 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 22Page - STMicroelectronics AN1376 Datasheet HTML 23Page - STMicroelectronics AN1376 Datasheet HTML 24Page - STMicroelectronics AN1376 Datasheet HTML 25Page - STMicroelectronics AN1376 Datasheet HTML 26Page - STMicroelectronics AN1376 Datasheet HTML 27Page - STMicroelectronics AN1376 Datasheet HTML 28Page - STMicroelectronics AN1376 Datasheet HTML 29Page - STMicroelectronics AN1376 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
AN1376 APPLICATION NOTE
26/35
18 THERMAL MEASURES
In order to check the reliability of the design a thermal mapping by means of an IR Camera
was done. Here below the thermal measures on the board, at both nominal input voltages at
ambient temperature (24 °C) are shown. The pointers A¸E have been placed across some key
components, affecting the reliability of the circuit. The points correspond to the following com-
ponents:
As shown on the maps, all the other points of the board are within the temperature limits as-
suring a reliable performance of the devices.
Figure 28.
component side
A
Input coil - L1
B
PowerMOS – Q1
C
+7V diode – D7
D
+3.3V diode – D8
E
+5V regulator – IC3
@115VAC - FULL LOAD
COMPONENT SIDE
A 47.41°C
B 47.24°C
C 78.39°C
D 59.02°C
E 70.67°C
SMD SIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com