Electronic Components Datasheet Search
  English  ▼

X  

AN1695 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1695
Description  TSM108 EVALUATION BOARD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1695 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1695 Datasheet HTML 1Page - STMicroelectronics AN1695 Datasheet HTML 2Page - STMicroelectronics AN1695 Datasheet HTML 3Page - STMicroelectronics AN1695 Datasheet HTML 4Page - STMicroelectronics AN1695 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
1 - Introduction
The TSM108 is a step down controller that features constant voltage and constant current regulation. It
can drive either a P-channel Mosfet or a PNP bipolar transistor. The principle of operation of the TSM108
is widely described in the application note attached to the datasheet. The goal of this document is to
describe the TSM108 Evaluation Board.
The Evaluation Board was designed to allow different converter configurations. Several options for power
semiconductor footprints are available on the PCB in order to make it adaptable to a wide range of
converter output power. In a first step, this application note will describe the typical application. Then the
various options available on the Evaluation Board PCB will be explained.
2 - TSM108 typical application
2.1 Description
The TSM108 is especially suited for cigarette lighter accessories. The typical application described in this
note is a battery charger with the following characteristics:
Input voltage: Vin = 12V
Output voltage: Vout = 6V
Maximum output current: Iout = 800mA
A picture of the Evaluation Board in the typical application configuration is shown on Figure 1. The related
schematic is described on Figure 2.
Figure 1 : TSM108 Evaluation Board
AN1695
APPLICATION NOTE
TSM108 EVALUATION BOARD
12V to 6V DC/DC CONVERTER
January 2003
by Anthony BOIMOND


Similar Part No. - AN1695

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN169 SILABS-AN169 Datasheet
156Kb / 36P
PROGRAMMERS GUIDE
logo
STMicroelectronics
AN1690 STMICROELECTRONICS-AN1690 Datasheet
275Kb / 15P
Fail-safe biasing for ST485EB
02-Oct-2007
logo
Intersil Corporation
AN1690.0 INTERSIL-AN1690.0 Datasheet
268Kb / 3P
Electronics Meets the Challenges of Patient Monitors
logo
Panasonic Semiconductor
AN16903A PANASONIC-AN16903A Datasheet
254Kb / 8P
IC for sound multiplex demodulation in NTSC (Japanese TV mode)
logo
STMicroelectronics
AN1696 STMICROELECTRONICS-AN1696 Datasheet
622Kb / 11P
Load sharing is a technique commonly
Apr-2003
More results

Similar Description - AN1695

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com