Electronic Components Datasheet Search
  English  ▼

X  

AN1762 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN1762
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1762 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN1762 Datasheet HTML 29Page - STMicroelectronics AN1762 Datasheet HTML 30Page - STMicroelectronics AN1762 Datasheet HTML 31Page - STMicroelectronics AN1762 Datasheet HTML 32Page - STMicroelectronics AN1762 Datasheet HTML 33Page - STMicroelectronics AN1762 Datasheet HTML 34Page - STMicroelectronics AN1762 Datasheet HTML 35Page - STMicroelectronics AN1762 Datasheet HTML 36Page - STMicroelectronics AN1762 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
33/53
AN1762 APPLICATION NOTE
5
APPENDIX - EVALUATION BOARDS
5.1 PractiSPIN
PractiSPIN is an evaluation and demonstration system that can be used with the PowerSPIN family (L62XX) of
devices. A Graphical User Interface (GUI) (see Figure 35) program runs on an IBM-PC under windows and com-
municates with a common ST7 based interface board (see Figure 36) through the RS232 serial port. The ST7
interface board connects to a device specific evaluation board (target board) via a standard 34 pin ribbon cable
interface.
Depending on the target device the PractiSPIN can drive a stepper motor, 1 or 2 DC motors or a brushless DC
(BLDC) motor, operating significant parameters such as SPEED, CURRENT, VOLTAGE, DIRECTION, ACCEL-
ERATION and DECELERATION RATES from a user friendly graphic interface, and programming a sequence
of movements.
The software also allows evaluating the power dissipated by the selected device and, for a given package and
dissipating copper area on the PCB, estimates the device's junction temperature.
Figure 35. PractiSPIN PC Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com