Electronic Components Datasheet Search
  English  ▼

X  

AN1897 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1897
Description  In the past few years, many consumer products have been provided
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1897 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1897 Datasheet HTML 6Page - STMicroelectronics AN1897 Datasheet HTML 7Page - STMicroelectronics AN1897 Datasheet HTML 8Page - STMicroelectronics AN1897 Datasheet HTML 9Page - STMicroelectronics AN1897 Datasheet HTML 10Page - STMicroelectronics AN1897 Datasheet HTML 11Page - STMicroelectronics AN1897 Datasheet HTML 12Page - STMicroelectronics AN1897 Datasheet HTML 13Page - STMicroelectronics AN1897 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Experimental results
AN1897
10/17
DocID10240 Rev 2
3.2
Regulation
Figure 11. Cross-regulation
Table 2. Line regulation
Output
85 Vac
85 Vac
260 Vac
5 V/ 0.1 A
5.15 V
5.15 V
5.15 V
5 Vstb/ 0 A
5.15 V 5
15.15 V
5.15 V
12 V/ 0 A
12.08 V
12.11 V
12.12 V
-12 V/ 0 A
-11.98 V
-11.99 V
-12.00 V
-26 V/ 0 A
-25.82 V
-25.85 V
-25.86 V
3.3 V/ 0 A
3.87 V
3.87 V
3.88 V
Table 3. Standby model
Output
85 Vac
230 Vac
260 Vac
5 V
2.05 V
2.05 V
2.07 V
5 Vstb (100 mA)
5.08 V
5.11 V
5.14 V
12 V
4.00 V
3.99 V
3.98 V
-12 V
3.99 V
3.99 V
3.98 V
-26 V
9.12 V
9.10 V
9.08 V
3.3 V
1.70 V
1.50 V
1.51 V
PDIs
0.8 W1 W1.1 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com