Electronic Components Datasheet Search
  English  ▼

X  

VM57S Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # VM57S
Description  Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

VM57S Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  VM57S Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Storage Temperature
- 50°C to 100°C
Aging
± 3 ppm per year (max.)
Frequency Stability
Rise Time ( Tr ) / Fall Time ( Tf )
10 n sec. (max.)
Output Format
DC block, AC coupled.
Current Consumption ( max. )
Output Load
10 KΩ // 10 pF ± 10%
Output Format
DC block , AC coupled
9.6 ~ 15 MHz
26.01 ~ 40.0 MHz
1.5 mA
2.5 mA
Start - Up Time ( Ts )
2.0 m sec. ( typ.) , 5.0 m sec. ( max.)
Modulation Bandwidth
3 KHz min. Measured at -3 dB , Vcontrol = +1.5 VDC
Electronical Freq. Tuning
Control Voltage Center
X
○○
±1 ppm / year max. at 25C
15.01 ~ 26.0 MHz
2.0 mA
vs Aging
vs Voltage Change
vs Load Change
vs Reflow ( SMD type )
± 0.2 ppm max. , for a ±5% input voltage change .
± 0.2 ppm max. , for a ±10% load condition change .
± 1.0 ppm max. , 1 reflow and measured 24 hours afterwards .
X : not available
-40°C to 85°C
○
△
: please contact us
-30°C to 75°C
X
○○○○○○
○
-10°C to 60°C
△○○○○○○
General Specifications
Paramenters
Electrical Spec.
Input Voltage ( VDD)
2.8 V ± 5 %
○○○○
X
○○○○○
± 0.5 ppm ± 1.0 ppm ± 1.5 ppm ± 2.0 ppm ± 2.5 ppm ± 3.0 ppm ± 5.0 ppm
○○
Features
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
●
SMD Clipped Sine wave 10 pads
7.0 x 5.0 x 2.0 mm
VCTCXO [ Temperature Compensated Crystal Oscillators ]
VM57S series
2.8 V
Frequency Range
10.0 MHz ~ 40.0 MHz
Mercury www .mercury-crystal.com
General Specifications ( Unit : mm )
Output Wave Form
Clipped Sine wave output
Output Voltage Level ( peak to peak )
0.8 V p-p ( min. )
Phase Noise ( typical ) [ 10.000 MHz ]
Offset
10 Hz
Frequency Stability ( ppm )
Frequency Stability vs Temperature
0°C to 50°C
○
○
: available
-20°C to 70°C
○○○
100 Hz
1K Hz 10 KHz 100KHz 1 MHz 10 MHz
dBc / Hz
-80
-115
-135
-138
-142
-148
-150
Standard: +1.5 V ± 1.0 V for all Input voltages.
Frequency Deviation Range
± 5.0 ppm ( min. ) , Vcontrol = +1.5 V±1.0 V
( EFC ) by external
Linearity
10 % max.
control voltage
Input Impedance
1.0 MΩ min.


Similar Part No. - VM57S

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
VM5 SEI-VM5 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
logo
Artesyn Technologies
VM534D ARTESYN-VM534D Datasheet
65Kb / 3P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
Mercury United Electron...
VM53S MERCURY-VM53S Datasheet
104Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
logo
Stackpole Electronics, ...
VM5JB51K0 SEI-VM5JB51K0 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
VM5JB56L0 SEI-VM5JB56L0 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
More results

Similar Description - VM57S

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
M22S MERCURY-M22S Datasheet
179Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
M32S MERCURY-M32S Datasheet
175Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM8S MERCURY-VM8S Datasheet
107Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM14S MERCURY-VM14S Datasheet
103Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM15S MERCURY-VM15S Datasheet
105Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM22S MERCURY-VM22S Datasheet
103Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM32S MERCURY-VM32S Datasheet
104Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM39S MERCURY-VM39S Datasheet
98Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM47S MERCURY-VM47S Datasheet
98Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM62S MERCURY-VM62S Datasheet
101Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com