Electronic Components Datasheet Search
  English  ▼

X  

AN2208 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 30Page - STMicroelectronics AN2208 Datasheet HTML 31Page - STMicroelectronics AN2208 Datasheet HTML 32Page - STMicroelectronics AN2208 Datasheet HTML 33Page - STMicroelectronics AN2208 Datasheet HTML 34Page - STMicroelectronics AN2208 Datasheet HTML 35Page - STMicroelectronics AN2208 Datasheet HTML 36Page - STMicroelectronics AN2208 Datasheet HTML 37Page - STMicroelectronics AN2208 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
7 Test results
AN2208
34/51
Figure 37 and Figure 38 illustrate thermal behavior by showing the waveform of ITOT current to
HSD during the short circuit with different ambient temperature. The input is switched at 1 Hz.
The thermal shutdown is active and the output channel is switched off because it is shorted.
The maximum case temperature with maximum current ITOT is 42°C during normal operation
(without short circuit) as shown in Figure 39.
Note:
The temperature measured in thermal chamber using the FLUKE 189 multimeter and thermo-
coupler. No airflow present during the test.
Figure 37. Waveform ITOT and VINOPT during
the test with short circuit VCC = 28V,
TA = 85°C, Wave4 = ITOT,
Wave1 = VINOPT
Figure 38. Waveform on ITOT and VINOPT during
the test with short circuit VCC = 28V,
TA = –25°C, Wave4 = ITOT,
Wave1 = VINOPT
Figure 39. Case temperature dependency vs. current ITOT (TA = 25°C and VCC = 24 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com