Electronic Components Datasheet Search
  English  ▼

X  

AN2259 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2259
Description  High intensity LED driver using
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2259 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2259 Datasheet HTML 2Page - STMicroelectronics AN2259 Datasheet HTML 3Page - STMicroelectronics AN2259 Datasheet HTML 4Page - STMicroelectronics AN2259 Datasheet HTML 5Page - STMicroelectronics AN2259 Datasheet HTML 6Page - STMicroelectronics AN2259 Datasheet HTML 7Page - STMicroelectronics AN2259 Datasheet HTML 8Page - STMicroelectronics AN2259 Datasheet HTML 9Page - STMicroelectronics AN2259 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
1 DESCRIPTION OF BOARD
AN2259
6/38
1
DESCRIPTION OF BOARD
The evaluation board shown in Figure 1. was designed so that it can be configured to accept
several different input voltages that are common for automotive and lighting applications. The
most common input voltages are 12Vac, 12Vdc (for automotive) and 24Vdc. The board also
allows the user to select the output current using the jumpers J2 and J4 on the board without
having to change any components on the evaluation board. The standard configuration of the
board includes a full wave bridge rectifier that is required for an AC input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com