Electronic Components Datasheet Search
  English  ▼

X  

UPD17228CT Datasheet(PDF) 65 Page - NEC

Part # UPD17228CT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17228CT Datasheet(HTML) 65 Page - NEC

Back Button UPD17228CT Datasheet HTML 61Page - NEC UPD17228CT Datasheet HTML 62Page - NEC UPD17228CT Datasheet HTML 63Page - NEC UPD17228CT Datasheet HTML 64Page - NEC UPD17228CT Datasheet HTML 65Page - NEC UPD17228CT Datasheet HTML 66Page - NEC UPD17228CT Datasheet HTML 67Page - NEC UPD17228CT Datasheet HTML 68Page - NEC UPD17228CT Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
µPD17225, 17226, 17227, 17228
65
Data Sheet U12643EJ2V0DS00
13. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Item
Symbol
Conditions
Ratings
Unit
Supply Voltage
VDD
–0.3 to +3.8
V
Input Voltage
VI
–0.3 to VDD + 0.3
V
Output Voltage
VO
–0.3 to VDD + 0.3
V
High-Level Output Current
Note
IOH
REM pin
Peak value
–36.0
mA
rms value
–24.0
mA
1 pin (P0E pin)
Peak value
–7.5
mA
rms value
–5.0
mA
Total of P0E pins
Peak value
–22.5
mA
rms value
–15.0
mA
Low-Level Output Current
Note
IOL
1 pin (P0C, P0D, P0E,
Peak value
7.5
mA
REM or WDOUT pin)
rms value
5.0
mA
Total of P0C, P0D,
Peak value
22.5
mA
WDOUT pins
rms value
15.0
mA
Total of P0E pins
Peak value
30.0
mA
rms value
20.0
mA
Operating Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–65 to +150
°C
Power Dissipation
Pd
TA = 85
°C
180
mW
Note
Calculate rms value by this expression: [rms value] = [Peak value]
× √ Duty
Caution Even if one of the parameters exceeds its absolute maximum rating even momentarily, the quality
of the product may be degraded. The absolute maximum rating therefore specifies the upper or
lower limit of the value at which the product can be used without physical damages. Be sure not
to exceed or fall below this value when using the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com