Electronic Components Datasheet Search
  English  ▼

X  

PR1660 Datasheet(PDF) 2 Page - Lumins Inc.

Part # PR1660
Description  Standard heavy duty 45 hang straight swivel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR1660 Datasheet(HTML) 2 Page - Lumins Inc.

  PR1660 Datasheet HTML 1Page - Lumins Inc. PR1660 Datasheet HTML 2Page - Lumins Inc. PR1660 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
PR1660/PR1665
PRISMA NOVA 16 - HID/CFL
2
1325
994
662
331
400
800
1200
Descriptive Information
Total initial Lms: 5200 Lumens (1 lamp)
Total watts.: 70 W
Lamps: Comp. Fluorescent
Total efficiency: 91%
Max Spacing ratio: 1.7
CIE Type: Direct
Descriptive Information
Total initial Lms: 5200 Lumens (1 lamp)
Total watts.: 70 W
Lamps: Comp. Fluorescent
Total efficiency: 81.5%
Max Spacing ratio: 1.7
CIE Type: Direct
Outdoor report
Polar graph
Outdoor report
Polar graph
Maximum Candela = 1325 Located at 35º
Maximum Candela = 1425 Located at 35º
PR1660-F170
PR1665-F170
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
TYPICAL PhOTOMETRY SUMMARY
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
GNT Forest green
OPTIONAL COLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
120V
277V
347V 3
MODEL#
LAMP SELECTION 1
VOLTAGE 2
FINISH
LUMINAIRE SELECTION
SuFFIx
M70E
M100E
M150E
M175PS
WATTS
70W
100W
150W
175W
LAMP
ED17
(Open rated)
ANSI
M98
M90
M102
M152
F142
F157
F170
F232
F242
F257
F270
F426
F432
F442
1X42W
1X57W
1X70W
2X32W
2X42W
2X57W
2X70W
4X26W
4X32W
4X42W
Gx24q
base
METAL HALIDE
COMPACT FLuORESCENT
PR1665
PR1660
MOuNTING
ACCESSORIES
ELECTRICAL
CK
Surface ceiling mount
STC
Safety cable
STM
Longer hang straight stem. Please add length with option suffix.
SPg
Silver braided power cord with adjustable suspension cable.
36” in length (other lengths on request)
TA
3/4” NPT conduit adaptor
W16
Frosted acrylic refractor (only available on PR1660)
D16T
Clear prismatic bottom conical lens
L17
Clear flat bottom lens
gL16T Zinc plated concentric ring guard
LB16T Cross blade louver (same color as luminaire).
BA16
Satin anodized aluminum lower diffuser band
BC16
Aluminum lower diffuser band same color as luminaire
RP6
Inner reflector specular aluminum. Exterior same color as luminaire.
Uh
Housing height adjusted to EM model types
(applicable to non-EM fixture type for uniform fixture height)
DM1
One lamp dimming 26/32/42W 120/277V (Philips Mark X)
DM2
Two lamp dimming 26/32/42W 120/277V (Philips Mark X)
DM3
One lamp dimming 57/70W 120/277V (Philips Mark X)
DM4
Two lamp dimming 57W 120/277V (Philips Mark X)
DMY
Other types of dimming ballasts (See page 3)
EM
Integral emergency battery back-up - 1 lamp (26/32/42W) 90 min.
FS
Fuse
DS1
Separate lamp switching (2 lamp models)
DS2
Separate lamp switching in pairs (4/6/8 lamp models)
QRS
Quartz lamp standby restrike. Max. 100W bayonet lamp. 120-277V
QS
120V Max. 100W bayonet lamp base for emergency external power
OPTIONS (Refer to page 3 for details)
NOTES
1- Unless specified, lamps are not included with luminaires.
2- Luminaires are factory prewired for 120V unless otherwise specified.
3- 347V on request.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com