Electronic Components Datasheet Search
  English  ▼

X  

PR1670 Datasheet(PDF) 2 Page - Lumins Inc.

Part # PR1670
Description  Standard heavy duty 45 hang straight swivel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR1670 Datasheet(HTML) 2 Page - Lumins Inc.

  PR1670 Datasheet HTML 1Page - Lumins Inc. PR1670 Datasheet HTML 2Page - Lumins Inc. PR1670 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
lUmINIs
pr1670/pr1675
PRISMA NOVA 16 - LED
sTANDArDcolors
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
opTIoNAlcolors
CS
Custom color
RAL RAL# color
(Refer to color chart)
PR1675
PR1670
MODEL#
LED LIGHT SELECTION
VOLTAGE 1
FINISH
2
opTIoNs(refertopage3fordetails)
lUmINAIreselecTIoN
Indoor report
Polar graph
Maximum Candela = 3411
pr1670-l1W65r0
Diffused acrylic difuser
DescriptiveInformation
Total delivered lumens
5626 Lumens
Input watts at 120V: 59.8 W
S/MH = 1.37
Source: LED
CCT: 4000K
3500
2500
TypIcAlphoTomeTrysUmmAry
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
30º
0º
1500
Indoor report
Polar graph
Maximum Candela = 3866
pr1675-l1W65r0
Aluminum reflector
DescriptiveInformation
Total delivered lumens
5712 Lumens
Input watts at 120V: 60 W
S/MH = 1.53
Source: LED
CCT: 4000K
3500
2500
30º
0º
1500
120V
277V
Optional
347V
SuFFIx
L1W12r1
L1W18r1
L1W30r1
L1W48r0
L1W65r0
INPuT
WATTS
13W
20W
33W
46W
60W
DELIVERED
LuMENS
1228
1822
2888
4416
5626
CRI
80
CCT ºK
4000 ºK
SuFFIx
L1W12r1
L1W18r1
L1W30r1
L1W48r0
L1W65r0
INPuT
WATTS
13W
20W
33W
46W
60W
DELIVERED
LuMENS
1247
1851
2933
4482
5712
CRI
80
CCT ºK
4000 ºK
bc16
Aluminum lower diffuser band, same color as luminaire
(only available on PR1670)
D16F
Prismatic bottom conical lens
gl16
Zinc plated concentric ring guard
l16T
Clear flat bottom lens
rp6
Inner reflector specular aluminum. Exterior same color as
luminaire (only available on PR1675)
DAmp
Damp location enclosure
ACCESSORIES
MOuNTING
cK
Surface ceiling mount
sTc
Safety cable
sTm
Longer hang straight stem. Please add length with option
suffix.
spg
Silver braided power cord with adjustable suspension
cable. 36” in length (other lengths on request.)
TA
3/4” NPT conduit adaptor
ELECTRICAL
347l
347V (please consult factory)
Fs
Fuse
CCT Options - 4000K supplied as standard (Apply multiplier to listed
values for lumens output reference)
K3
3000K CCT LED. CRI 80 (Multiplier 0.94)
K3D
3000K CCT LED. CRI 97 (Multiplier 0.63) Up to 33W only
K35
3500K CCT LED. CRI 80 (Multiplier 0.98)
K5
5000K CCT LED. CRI 80 (Multiplier 1.01)
NOTE: Other CCT & higher CRI available, please consult factory.
For wattage selection L1W12 through L1W48
reml2-50 Remote mount battery backup for LED, 90 min., 7W Remote
mount to 50ft - 12” Square enclosure with access cover.
emlc2
Integral battery backup for LED, 90 min., 7W Integral to
luminaire within oversized ceiling canopy.
emlc3
Integral battery backup for LED, 90 min., 7W Integral to
luminaire within a 3.5” dia. tube mounted vertically below
canopy.
For wattage selection L1W48 through L1W140
reml-50 Remote battery backup for LED, 90 min., 23W Remote
mount to 50ft - 12” Square enclosure with access cover.
emlc
Integral battery backup for LED, 90 min., 23W Integral to
luminaire within oversized ceiling canopy.
EMERGENCY
4000K
4000K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com