Electronic Components Datasheet Search
  English  ▼

X  

PR1675 Datasheet(PDF) 1 Page - Lumins Inc.

Part # PR1675
Description  Standard heavy duty 45 hang straight swivel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR1675 Datasheet(HTML) 1 Page - Lumins Inc.

  PR1675 Datasheet HTML 1Page - Lumins Inc. PR1675 Datasheet HTML 2Page - Lumins Inc. PR1675 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type:
QUANTITy:
projecT:
cATAlog
NUmber:
FIxTUre
WATTAge
VolTAge
FINIsh
opTIoN
opTIoN
opTIoN
opTIoN
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
lUmINIs
mATerIAls
Prisma is made of an extruded aluminum housing designed to optimize the
functionality of the driver and solid state components.
Prisma is available with a choice of two interchangeable reflectors.
-
Aluminum reflector designed to optimize light source performance and
uniformity.
-
Diffused acrylic refractor with a linear peripheral pattern providing general
upward illumination with efficient down lighting.
-
Ventilated cast aluminum heat sink to optimize heat management and
luminaire efficacy.
-
LED array is mechanically secured and easily removable for maintenance or
upgrade.
elecTrIcAl
LED
DrIVer
Standard 0-10V dimming ready. 120/277V multi volt
(50-60HZ) with operating temperature of -30ºC/-22ºF to
60ºC/140ºF. Output over voltage, output over current and output short
circuit protection with auto-recovery.
leD
Standard 4000K LED platform included. Other CCTs available from
3000K to 5000K. See electrical options. Standard 80 CRI. Optional
97 CRI for critical color rendering.
lIFe
51,000hrs L
77B50 (based on IESNA TM-21 Test Method and LM-80 data).
68,000hrs L
70B50 (calculated projection from LM-80 data).
FINIsh
Polyester powder coating is applied through an electrostatic process and oven
cured for long term finish.
moUNTINg
Maximum weight: 10lbs (4.5kg)
Mounts on a standard 4” (102) octagonal electrical box with 3 1/2” (89) C/C
mounting holes.
cerTIFIcATIoN
Tested to UL1598 and CSA 22.2 #250. ETL listed damp location.
Photometric testing per LM79-2008, LED Light source with LM80 certified
testing. CE certification on request.
Rated IP20.
pr1670/pr1675
PRISMA NOVA 16 - LED
Ceiling pendant luminaire with a choice of diffused
acrylic refractor or an anodized aluminum reflector with
two part inner surface treatment. Upper etched surface
combined with multi-faceted specular lower part.
Optional attachments and accessories are available to
customize and adapt each luminaire to particular design
requirements.
1- Standard heavy duty 45º hang straight swivel, with 5”
diameter (127) canopy and universal mounting plate.
2- 7/8” diameter (22) X36” long (914) suspension
stem. Precut factory stems are available on request.
(Specify STM with desired length)
3- Cast aluminum removable top cover for quick
maintenance.
4- Extruded aluminum driver housing module with a fine
linear stria pattern.
5- LED heat sink specifically designed to optimize heat
dissipation.
6- Set of four side struts secured in position with a cast
aluminum holder.
7- Struts holder ring. (Optional clear lens)
8- pr1670: Diffused acrylic refractor.
pr1675: Aluminum reflector.
Inner surface: multi-faceted specular
anodized.
Exterior surface: Satin anodized natural
aluminum.
Alternate exterior finish (Option RP6)
5
1
2
3
4
6
7
18.5”
(470)
36”
(914)
pr1670
19.5” (495)
pr1675
19.25” (489)
1
PR1670
PR1675


Similar Part No. - PR1675

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PR1670 LUMINIS-PR1670 Datasheet
561Kb / 3P
Standard heavy duty 45 hang straight swivel
More results

Similar Description - PR1675

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PR1250 LUMINIS-PR1250 Datasheet
500Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1255 LUMINIS-PR1255 Datasheet
500Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1260 LUMINIS-PR1260 Datasheet
491Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1265 LUMINIS-PR1265 Datasheet
491Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1650 LUMINIS-PR1650 Datasheet
500Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1660 LUMINIS-PR1660 Datasheet
519Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1665 LUMINIS-PR1665 Datasheet
519Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1670 LUMINIS-PR1670 Datasheet
561Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1690 LUMINIS-PR1690 Datasheet
366Kb / 3P
Standard heavy duty 45 hang straight swivel
PR2270 LUMINIS-PR2270 Datasheet
417Kb / 3P
Standard heavy duty 45 hang straight swivel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com