Electronic Components Datasheet Search
  English  ▼

X  

PR1690 Datasheet(PDF) 2 Page - Lumins Inc.

Part # PR1690
Description  Standard heavy duty 45 hang straight swivel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR1690 Datasheet(HTML) 2 Page - Lumins Inc.

  PR1690 Datasheet HTML 1Page - Lumins Inc. PR1690 Datasheet HTML 2Page - Lumins Inc. PR1690 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
PR1690/PR1695
PRISMA 16 - LED
2
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
OPTIONAL COLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
PR1695
PR1690
120V
277V
Optional
347V
MODEL#
LED LIGHT SELECTION
VOLTAGE 1
FINISH
OPTIONS (refer to page 3 for details)
LUMINAIRE SELECTION
Indoor report
Polar graph
Maximum Candela = 5400
PR1690-L1W85
Diffused prismatic
reflector
Descriptive Information
Total delivered lumens
7109 Lms.
Input watts at 120V: 86.5 W
S/MH = 1.38
Source: LED
CCT: 4000K
4000
6000
3000
1000
TYPICAL PHOTOMETRY SUMMARY
CCT ºK
SUFFIX
INPUT WATTS
DELIVERED LUMENS
4000K
L1W65
60W
5323
(80 CRI)
L1W85
86W
7109
5000K
L1W65
60W
5833
(70 CRI)
L1W85
86W
7781
CCT ºK
SUFFIX
INPUT WATTS
DELIVERED LUMENS
4000K
L1W65
60W
4961
(80 CRI)
L1W85
86W
7193
5000K
L1W65
60W
5377
(70 CRI)
L1W85
86W
7193
30º
0º
BC16
Aluminum lower diffuser band, same color as luminaire
(only available on PR1690)
D16F
Clear prismatic bottom conical lens
GL16
Zinc plated concentric ring guard
L16
Clear flat bottom lens
RP6
Inner reflector specular aluminum. Exterior same color as
luminaire (only available on PR1695)
DAMP
Damp location enclosure
ACCESSORIES
MOUNTING
CK
Surface ceiling mount
STC
Safety cable
STM
Longer hang straight stem. Please add length with option
suffix.
SPG
Silver braided power cord with adjustable suspension
cable. 36” in length (other lengths on request.)
TA
3/4” NPT conduit adaptor
ELECTRICAL
347L
347V (please consult factory)
FS
Fuse
CCT Options - 4000K or 5000K supplied as standard (Apply multiplier to
listed values for lumens output reference)
K3
3000K CCT LED. CRI 80 (Multiplier 0.94)
K35
3500K CCT LED. CRI 80 (Multiplier 0.98)
NOTE: Other CCT & higher CRI available, please consult factory.
REML-50 Remote battery backup for LED, 90 min., 23W Remote
mount to 50ft - 12” Square enclosure with access cover.
EMLC
Integral battery backup for LED, 90 min., 23W Integral to
luminaire within oversized ceiling canopy.
EMERGENCY



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com