Electronic Components Datasheet Search
  English  ▼

X  

PR1695 Datasheet(PDF) 1 Page - Lumins Inc.

Part # PR1695
Description  Standard heavy duty 45 hang straight swivel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR1695 Datasheet(HTML) 1 Page - Lumins Inc.

  PR1695 Datasheet HTML 1Page - Lumins Inc. PR1695 Datasheet HTML 2Page - Lumins Inc. PR1695 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
Type:
QUANTITy:
projecT:
cATAlog
NUmber:
FIxTUre
ccT
WATTAge
VolTAge
FINISH
opTIoN
opTIoN
opTIoN
MATERIALS
Prisma is made of an extruded aluminum housing designed to optimize the
functionality of the driver and solid state components.
Prisma is available with a choice of two interchangeable reflectors.
-
Aluminum reflector designed to optimize light source performance and
uniformity.
-
Diffused acrylic refractor with a linear peripheral pattern providing
general upward illumination with efficient down lighting.
-
Ventilated cast aluminum heat sink to optimize heat management and
luminaire efficacy.
-
LED array is mechanically secured and easily removable for maintenance
or upgrade.
ELECTRICAL
LED
DRIVER
Standard 0-10V dimming ready. 120/277V multi volt
(50-60HZ) with operating temperature of -30ºC/-22ºF to
60ºC/140ºF. Output over voltage, output over current and output
short circuit protection with auto-recovery.
LED
Standard 4000K or 5000K LED platform included. Optional 3000K
and 3500K. Standard 80 CRI (4000K), 70 CRI (5000K).
LIFE
51,000hrs L
77B50 (based on IESNA TM-21 Test Method and LM-80 data).
68,000hrs L
70B50 (calculated projection from LM-80 data).
FINISH
Polyester powder coating is applied through an electrostatic process and
oven cured for long term finish.
MOUNTING
Maximum weight: 9lbs (4.1kg)
Mounts on a standard 4” (102) octagonal electrical box with 3 1/2” (89) C/C
mounting holes.
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed damp location.
Photometric testing per LM79-2008, LED Light source with LM80 certified
testing. CE certification on request.
Rated IP20.
PR1690/PR1695
PRISMA 16 - LED
Ceiling pendant luminaire with a choice of
diffused acrylic refractor or an anodized
aluminum reflector with two part inner
surface treatment. Upper etched surface
combined with multi-faceted specular lower
part.
Optional attachments and accessories are
available to customize and adapt each
luminaire to particular design requirements.
1- Standard heavy duty 45º hang straight
swivel, with 5” diameter (127) canopy
and universal mounting plate.
2- 7/8” diameter (22) X36” long (914)
suspension stem. Precut factory stems
are available on request. (Specify STM
with desired length)
3- Cast aluminum removable top cover for
quick maintenance.
4- Extruded aluminum driver housing
module with a fine linear stria pattern.
5- LED heat sink specifically designed to
optimize heat dissipation.
6- PR1690: Diffused acrylic refractor.
PR1695: Satin anodized textured
aluminum Exterior surface: Satin
anodized natural aluminum.
Alternate exterior finish (Option
RP6)
1
PR1695
1
2
5
3
4
6
PR1695
16”
(408)
36”
(914)
PR1690
20” (508)
PR1695
19.5” (495)
PR1690


Similar Part No. - PR1695

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PR1690 LUMINIS-PR1690 Datasheet
366Kb / 3P
Standard heavy duty 45 hang straight swivel
More results

Similar Description - PR1695

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PR1250 LUMINIS-PR1250 Datasheet
500Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1255 LUMINIS-PR1255 Datasheet
500Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1260 LUMINIS-PR1260 Datasheet
491Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1265 LUMINIS-PR1265 Datasheet
491Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1650 LUMINIS-PR1650 Datasheet
500Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1660 LUMINIS-PR1660 Datasheet
519Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1665 LUMINIS-PR1665 Datasheet
519Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1670 LUMINIS-PR1670 Datasheet
561Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1690 LUMINIS-PR1690 Datasheet
366Kb / 3P
Standard heavy duty 45 hang straight swivel
PR2270 LUMINIS-PR2270 Datasheet
417Kb / 3P
Standard heavy duty 45 hang straight swivel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com