Electronic Components Datasheet Search
  English  ▼

X  

PR2230 Datasheet(PDF) 2 Page - Lumins Inc.

Part # PR2230
Description  Standard heavy duty 45 hang straight swivel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR2230 Datasheet(HTML) 2 Page - Lumins Inc.

  PR2230 Datasheet HTML 1Page - Lumins Inc. PR2230 Datasheet HTML 2Page - Lumins Inc. PR2230 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
02
PR2228/PR2230
PRISMA 22 - LED
D22F
Prismatic bottom conical lens
BC22
Aluminum lower diffuser band, same color as luminaire
(only available on PR2228)
L22
Clear flat bottom lens
GL22
Zinc plated concentric ring guard
RP8
Inner reflector specular aluminum. Exterior same color as
luminaire (only available on PR2230)
DAMP
Damp location enclosure
ACCESSORIES
OPTIONS (refer to page 3 for details)
TYPICAL PHOTOMETRY SUMMARY
Indoor report
Polar graph
Maximum Candela = 4414
PR2228-L1W120
Descriptive Information
Total delivered lumens
11687 Lms.
Input watts at 120V: 127 W
S/MH = 1.43
Source: LED
CCT: 4000K
500
30º
60º
2500
4500
LUMINAIRE SELECTION
MODEL#
FINISH
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
OPTIONAL COLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
VOLTAGE
PR2230
PR2228
FINISH
LED LIGHT SELECTION
CCT ºK
SUFFIX
INPUT WATTS
DELIVERED LUMENS
4000K
L1W85
86W
9174
(80 CRI)
L1W120
127W
11687
L1W140
143W
12368
5000K
L1W85
86W
10406
(70 CRI)
L1W120
127W
13894
L1W140
138W
14432
CCT ºK
SUFFIX
INPUT WATTS
DELIVERED LUMENS
4000K
L1W85
86W
8996
(80 CRI)
L1W120
127W
11481
L1W140
143W
11808
5000K
L1W85
86W
9602
(70 CRI)
L1W120
127W
13702
L1W140
144W
13594
120V
277V
Optional
347V
MOUNTING
STC
Safety cable
STM
Longer hang straight stem. Please add length with option
suffix.
SPG
Silver braided power cord with adjustable suspension
cable. 36” in length (other lengths on request.)
TA
3/4” NPT conduit adaptor
HK
1” Dia. Male hook supplied with 4/18 black power cord 36” lg.
ELECTRICAL
347L
347V (please consult factory)
FS
Fuse
CCT Options - 4000K or 5000K supplied as standard (Apply multiplier to
listed values for lumens output reference)
K30
3000K, 80 CRI (lumen multiplier 0.94)
K35
3500K, 80 CRI (lumen multiplier 0.98)
K40
4000K, 90 CRI (lumen multiplier 0.88)
K50
5000K, 80 CRI (lumen multiplier 0.91 from 5K-70CRI)
NOTE: Other CCT & higher CRI available, please consult factory.
REML-50 Remote battery backup for LED, 90 min., 23W Remote
mount to 50ft - 12” Square enclosure with access cover.
EMLC
Integral battery backup for LED, 90 min., 23W Integral to
luminaire within oversized ceiling canopy.
EMERGENCY



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com