Electronic Components Datasheet Search
  English  ▼

X  

PR2265 Datasheet(PDF) 1 Page - Lumins Inc.

Part # PR2265
Description  Standard heavy duty 45 hang straight swivel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR2265 Datasheet(HTML) 1 Page - Lumins Inc.

  PR2265 Datasheet HTML 1Page - Lumins Inc. PR2265 Datasheet HTML 2Page - Lumins Inc. PR2265 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LUMINIS.COM
Type:
QUANTITy:
prOjeCT:
CATALOg
NUMber:
FIxTUre
CCT
WATTAge
VOLTAge
FINISH
OpTION
OpTION
OpTION
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
MATERIALS
Prisma is made of an extruded aluminum housing designed to optimize
the functionality of the driver and the solid state components.
Prisma is available with a choice of two interchangeable reflectors.
-
Frosted acrylic refractor with a linear peripheral pattern providing
general upward illumination with efficient down lighting.
-
Aluminum reflector designed to optimize light source performance
and uniformity.
Ventilated cast aluminum heat sink to optimize heat management and
luminaire efficacy.
LED array is mechanically secured and easily removable for maintenance
or upgrade.
ELECTRICAL
DRIVER
Standard 0-10V dimming ready. 120/277V multi volt (50-
60HZ) with a minimum starting temperature of -30ºC/-22ºF.
Output over voltage, output over current and output short
circuit protection with auto-recovery.
Over temperature protection (110ºC).
LED
Standard 4000K or 5000K LED platform included. Optional
3000K and 3500K.
Standard 80 CRI (4000K), 70 CRI (5000K).
LIFE
63,000hrs L
70B50 (calculated projection from LM-80 data). (L1W120 and L1W85 -
71,000hrs and 84,000hrs respectively).
FINISH
Polyester powder coating is applied through an electrostatic process and oven
cured for long term finish.
MOUNTING
Maximum weight: 15.5lbs (7kg)
Mounts on a standard 4” (102) octagonal electrical box with 3 1/2” (89) C/C
mounting holes.
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250.
ETL listed damp location.
Photometric testing per LM79-2008, LED light source with LM80 certified
testing.
PR2265/PR2270
PRISMA NOVA 22 - LED
Ceiling pendant luminaire with a choice of frosted acrylic
refractor or an anodized aluminum reflector with two part
inner surface treatment. Upper etched surface combined with
multi-faceted specular lower part.
Optional attachments and accessories are available to
customize and adapt each luminaire to particular design
requirements.
1- Standard heavy duty 45º hang straight swivel, with 5”
diameter (127) canopy and universal mounting plate.
2- 7/8” diameter (22) X36” long (914) suspension stem. Precut
factory stems are available on request. (Specify STM with
desired length)
3- Removable top cover for quick maintenance.
4- Extruded aluminum driver housing module with a fine linear
stria pattern.
5- LED heat sink specifically designed to optimize heat
dissipation.
6- Set of four side struts secured in position with a cast
aluminum holder.
7- Struts holder ring. (Optional clear lens)
8- PR2265: Frosted acrylic refractor.
PR2270: Aluminum reflector.
Inner surface: multi-faceted specular anodized.
Exterior surface: Satin anodized natural aluminum.
Alternate exterior finish (Option RP8)
01
36”
(914)
PR2265
23.5” (597)
PR2270
23” (584)
24”
(610)
1
2
3
4
6
5
7
8
PR2265
PR2270


Similar Part No. - PR2265

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
PR22 SAMESKY-PR22 Datasheet
382Kb / 6P
POWER RELAY
09/12/2024
PR22-12V-400-1A SAMESKY-PR22-12V-400-1A Datasheet
382Kb / 6P
POWER RELAY
09/12/2024
PR22-12V-400-1C SAMESKY-PR22-12V-400-1C Datasheet
382Kb / 6P
POWER RELAY
09/12/2024
PR22-24V-400-1A SAMESKY-PR22-24V-400-1A Datasheet
382Kb / 6P
POWER RELAY
09/12/2024
PR22-24V-400-1C SAMESKY-PR22-24V-400-1C Datasheet
382Kb / 6P
POWER RELAY
09/12/2024
More results

Similar Description - PR2265

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PR1250 LUMINIS-PR1250 Datasheet
500Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1255 LUMINIS-PR1255 Datasheet
500Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1260 LUMINIS-PR1260 Datasheet
491Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1265 LUMINIS-PR1265 Datasheet
491Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1650 LUMINIS-PR1650 Datasheet
500Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1660 LUMINIS-PR1660 Datasheet
519Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1665 LUMINIS-PR1665 Datasheet
519Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1670 LUMINIS-PR1670 Datasheet
561Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1690 LUMINIS-PR1690 Datasheet
366Kb / 3P
Standard heavy duty 45 hang straight swivel
PR2270 LUMINIS-PR2270 Datasheet
417Kb / 3P
Standard heavy duty 45 hang straight swivel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com