Electronic Components Datasheet Search
  English  ▼

X  

BC546 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BC546
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC546 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BC546 Datasheet HTML 1Page - KEC(Korea Electronics) BC546 Datasheet HTML 2Page - KEC(Korea Electronics) BC546 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2013. 7. 08
2/3
BC546/7/8
Revision No : 5
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CLASSIFICATION
none
A
B
C
hFE
BC546
110
~450
110
~220
200
~450
-
BC547
110
~800
110
~220
200
~450
420
~800
BC548
110
~800
110
~220
200
~450
420
~800
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=30V, IE=0
-
-
15
nA
DC Current Gain (Note)
BC546
hFE
VCE=5V, IC=2mA
110
-
450
BC547
110
-
800
BC548
110
-
800
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=5mA
-
-
0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=100mA, IB=5mA
-
0.9
1.1
V
Base-Emitter Voltage
VBE(ON)1VCE=5V, IC=2mA
0.58
-
0.7
V
VBE(ON)2VCE=5V, IC=10mA
-
-
0.75
V
Transition Frequency
fT
VCE=5V, IC=10mA, f=100MHz
-
150
-
MHz
Collector Output Capacitance
Cob
VCB=10V, f=1MHz, IE=0
-
-
4.5
pF
Noise Figure
NF
VCE=6V, IC=0.1mA
Rg=10kΩ, f=1kHz
-
1.0
10
dB
NOTE : According to the value of hFE the BC546, BC547, BC548 are classified as follows.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com