Electronic Components Datasheet Search
  English  ▼

X  

STR200 Datasheet(PDF) 1 Page - Lumins Inc.

Part # STR200
Description  Standard 4/18 silver braided power cord.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

STR200 Datasheet(HTML) 1 Page - Lumins Inc.

  STR200 Datasheet HTML 1Page - Lumins Inc. STR200 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
1
6.128in
155.7mm
36.000in
914mm
11.500in
292mm
23.719in
602.5mm
Luminaire O.A.H is extended to 13” (330) with (EM) emergency ballast options
Rotation mounting plate
allows final luminaire
alignment on site for single
or multiple installation.
STR200
SPECTRUM - CFL
MATERIALS
Elliptical housing made of 16 gauge galvanized steel. Tempered clear prismatic
glass lens with white translucent circular pattern. Extruded aluminum housing
with independent tool-less access cover for ease of maintenance. Set of
two aircraft suspension cables allowing on site adjustment. Elliptical canopy
cover with rotatable mechanism allowing a quick allignment of luminaire once
installation is completed.
ELECTRICAL
BALLAST
Universal voltage 120V/277V (347V on request) with a .99
power factor and end of life protection with a minimum starting
temperature of 0°F (-18°C).
SOCKET
Thermoplastic body rated for 75W-600V.
FINISH
Polyester powder coating is applied through an electrostatic process and oven
cured for long term finish.
MOUNTING
Maximum weight: 22lbs (10kg)
Mounts on a standard 4” (102) octagonal electrical box with 3 1/2” (89) C/C
mounting holes.
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed dry location.
Rated IP20.
STR200
1- Twin cable suspension mounted on
elliptical rotation plate allowing on site
luminaire alignment with independent
electrical connection cover for quick
inspection access.
2- On site self locking adjustable 36” long
suspension cables.
3- Standard 4/18 silver braided power cord.
4- Extruded aluminum ballast housing with
swing out access door for quick and easy
maintenance.
5- Elliptical lamp housing.
6- Elliptical set of louver/lamp shield.
7- Tempered prismatic glass lens with white translucent circular pattern.
STR200
ELECTRICAL
MOUNTING
ELECTRICAL
ELECTRICAL


Similar Part No. - STR200

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR2000 SANKEN-STR2000 Datasheet
40Kb / 3P
Switching Type(Chopper * Self Oscillation Type)
STR20000 SANKEN-STR20000 Datasheet
32Kb / 2P
Switching Type(Chopper Self Oscillation Type)
STR20005 SANKEN-STR20005 Datasheet
32Kb / 2P
Switching Type(Chopper Self Oscillation Type)
STR2005 SANKEN-STR2005 Datasheet
40Kb / 3P
Switching Type(Chopper * Self Oscillation Type)
More results

Similar Description - STR200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIL-C-22992 ETC-MIL-C-22992 Datasheet
229Kb / 6P
Braided Adapters
logo
Tripp Lite. All Rights ...
P002-002 TRIPPLITE-P002-002 Datasheet
474Kb / 3P
Standard Computer Power Cord, 12A, 16AWG
P004-002-13RA TRIPPLITE-P004-002-13RA Datasheet
476Kb / 3P
Standard Computer Power Extension Cord, 10A, 18AWG
P004-006 TRIPPLITE-P004-006 Datasheet
493Kb / 3P
Standard Computer Power Extension Cord, 10A,18AWG
P006-003 TRIPPLITE-P006-003 Datasheet
488Kb / 3P
Standard Computer Power Cord, 10A, 18AWG
P006-006 TRIPPLITE-P006-006 Datasheet
479Kb / 4P
Standard Computer Power Cord, 10A, 18AWG
P012-006 TRIPPLITE-P012-006 Datasheet
474Kb / 3P
Standard Laptop/Notebook Power Cord, 10A
logo
Molex Electronics Ltd.
1300900019 MOLEX11-1300900019 Datasheet
36Kb / 2P
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 10.67m
1300910023 MOLEX11-1300910023 Datasheet
36Kb / 2P
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
logo
OEN India Limited
04-ES-125 OENINDIA-04-ES-125 Datasheet
114Kb / 1P
Expandable Braided Polyester Sleeving
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com